Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7217-33SG-U Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7217-33SG-U
Description  500mA CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217-33SG-U Datasheet(HTML) 6 Page - Diodes Incorporated

  AP7217-33SG-U Datasheet HTML 1Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 2Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 3Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 4Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 5Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 6Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP7217
500mA CMOS LDO
AP7217 Rev. 1
6 of 7
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Timing Diagram
20mSec-TYP.
V
IN
VD
OUT
EN
VR
OUT
1.8V
t
RP
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended to connect between IN
and GND pins to decouple input power supply glitch and noise.
The amount of the capacitance may be increased without limit. A
lower ESR (Equivalent Series Resistance) capacitor allows the
use of less capacitance, while higher ESR type requires more
capacitance. This input capacitor must be located as close as
possible to the device to assure input stability and less noise. For
PCB layout, a wide copper trace is required for both IN and GND.
Output Capacitor
The output capacitor is required to stabilize and help the transient
response of the LDO. The AP7217 is designed to have excellent
transient response for most applications with a small amount of
output capacitance. The AP7217 is stable with any small ceramic
output capacitors of 1.0
μF or higher value, and the temperature
coefficients of X7R or X5R type. Additional capacitance helps to
reduce undershoot and overshoot during transient. For PCB
layout, the output capacitor must be placed as close as possible
to OUT and GND pins, and keep the leads as short as possible.
ENABLE/SHUTDOWN Operation
The AP7217 is turned on by setting the EN pin high, and is turned
off by pulling it low. If this feature is not used, the EN pin should
be tied to IN pin to keep the regulator output on at all time. To
ensure proper operation, the signal source used to drive the EN
pin must be able to swing above and below the specified
turn-on/off
voltage
thresholds
listed
in
the
Electrical
Characteristics section under VIL and VIH.
VROUT
VDOUT
EN=0
0V
Φ
EN=1
3.3V
Φ
Current Limit Protection
When output current at OUT pin is higher than current limit
threshold, the current limit protection will be triggered and clamp
the output current to approximately 600mA to prevent
over-current and to protect the regulator from damage due to
overheating.
Short circuit protection
When VRout pin is shorted to GND or VRout voltage is less than
200mV, short circuit protection will be triggered and clamp the
output current to approximately 50mA.
VDOUT (reset output)
---Open-Drain Active-Low reset output---
In general, VDOUT is pulled up by a resistor (100Kohm) to VIN.
The AP7217 microprocess (uP) supervisory circuitry asserts a
guaranteed logic-low reset during power-up and power-down.
Reset is asserted asserts when VIN is below the reset threshold
and remain asserted for at least tRP after VIN rises above the reset
threshold.
As long as VIN is lower than the reset threshold, VDOUT remains at
logic "0". When VIN become higher than VTH, a logic "1" is
asserted after a time delay defined by tRP.


Similar Part No. - AP7217-33SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
More results

Similar Description - AP7217-33SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com