Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7217-33SG-U Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7217-33SG-U
Description  500mA CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217-33SG-U Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7217-33SG-U Datasheet HTML 1Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 2Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 3Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 4Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 5Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 6Page - Diodes Incorporated AP7217-33SG-U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP7217
500mA CMOS LDO
AP7217 Rev. 1
4 of 7
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Typical Application
AP7217
V
IN
VD
OUT
VR
OUT
EN
GND
100K
VD
OUT
U1
4
6
2
8
V
IN
C
IN
1uF
7
C
OUT
1uF
ON
OFF
VR
OUT
Typical Performance Characteristics
Vcc vs. Quiescent current
0
10
20
30
40
50
60
70
80
90
100
3.6
4
4.3
5
5.5
Vcc (V)
Iout vs. Dropout voltage
0
100
200
300
400
500
600
700
800
900
1000
30
100
300
500
Iout (mA)
Delay time vs. Temperature
15
16
17
18
19
20
21
22
23
24
-40
25
85
100
Temperature(
oC)
Vcc vs. Standby current
0
10
20
30
40
50
60
70
3.6
4
4.3
5
5.5
Vcc (V)


Similar Part No. - AP7217-33SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
More results

Similar Description - AP7217-33SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com