Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS-125-15 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # PPS-125-15
Description  125W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PPS-125-15 Datasheet(HTML) 4 Page - Astrodyne Corporation

  PPS-125-15 Datasheet HTML 1Page - Astrodyne Corporation PPS-125-15 Datasheet HTML 2Page - Astrodyne Corporation PPS-125-15 Datasheet HTML 3Page - Astrodyne Corporation PPS-125-15 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P P T- 1 2 5 series
125W Triple Output with PFC Function
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:PPT-125-SPEC���2005-09-06
Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
85
100
115
135
155
264
100
90
80
70
60
50
40
-20
0
10
20
30
40
50
60
70
20
50
40
70
100
125
Free�air�Convection
Forced�air�18CFM
1
CN4
8
10
7
9
6
4
3
2
5
1
CN1
3
SVR1
LED1
4 -
3 .5
115.6
127
2
Air�flow
direction
DC�Output�Connector�(CN4)�:�JST B5P-VH*2�or�equivalent
Pin�No.
1
2,3
9,10
4~8
Assignment
CH3
CH2
CH1
GND
Mating�Housing
JST VHR
or�equivalent
Terminal
JST SVH-21T-P1.1
or�equivalent
AC�Input�Connector�(CN1)�:�JST B3P-VH�or�equivalent
Pin�No.
1
3
2
Assignment
AC/L
AC/N
No�Pin
Mating�Housing
JST VHR
or�equivalent
Terminal
JST SVH-21T-P1.1
or�equivalent
125W Triple�Output�with�PFC�Function
P P T- 1 2 5 series


Similar Part No. - PPS-125-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PPS-125-15 TOTAL-POWER-PPS-125-15 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125-15 MEANWELL-PPS-125-15 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-125-15 RSG-PPS-125-15 Datasheet
170Kb / 2P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125-15 MEANWELL-PPS-125-15 Datasheet
291Kb / 2P
   125W Single Output with PFC Function
More results

Similar Description - PPS-125-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPT125 ASTRODYNE-PPT125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125_11 Datasheet
291Kb / 2P
   125W Single Output with PFC Function
logo
Total Power Internation...
PPS-125 TOTAL-POWER-PPS-125 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-125 RSG-PPS-125 Datasheet
170Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPS125 ASTRODYNE-PPS125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPT-125 RSG-PPT-125 Datasheet
170Kb / 2P
   125W Triple Output with PFC Function
logo
Mean Well Enterprises C...
PPT-125 MEANWELL-PPT-125_10 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125_11 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125 Datasheet
281Kb / 2P
   125W Triple Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com