Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7291F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7291F
Description  BRIDGE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7291F Datasheet HTML 1Page - Toshiba Semiconductor TA7291F Datasheet HTML 2Page - Toshiba Semiconductor TA7291F Datasheet HTML 3Page - Toshiba Semiconductor TA7291F Datasheet HTML 4Page - Toshiba Semiconductor TA7291F Datasheet HTML 5Page - Toshiba Semiconductor TA7291F Datasheet HTML 6Page - Toshiba Semiconductor TA7291F Datasheet HTML 7Page - Toshiba Semiconductor TA7291F Datasheet HTML 8Page - Toshiba Semiconductor TA7291F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TA7291P/S/SG/F/FG
2007-06-13
4
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta = 25°C, VCC = 12 V, VS = 18 V)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
ICC1
Output OFF, CW / CCW mode
8.0
13.0
mA
ICC2
Output OFF, Stop mode
0
50
μA
Supply Current
ICC3
1
Output OFF, Brake mode
6.5
10.0
mA
1 (High)
VIN1
3.5
5.5
Input Operating Voltage
2 (Low)
VIN2
Tj = 25°C
GND
0.8
V
Input Current
IIN
VIN = 3.5 V, Sink mode
3
10
μA
Input Hysteresis Voltage
∆VT
2
0.7
V
Upper
Side
VSAT U−1
Vref = VS, VOUT − VS measure
IO = 0.2 A, CW / CCW mode
0.9
1.2
P/ S/SG
/ F/FG
Type
Lower
Side
VSAT L−1
Vref = VS, VOUT − GND
measure
IO = 0.2 A, CW / CCW mode
0.8
1.2
Upper
Side
VSAT U−2
Vref = VS, VOUT − VS measure
IO = 0.4 A, CW / CCW mode
1.0
1.35
S/SG /
F/FG
Type
Lower
Side
VSAT L−2
Vref = VS, VOUT − GND
measure
IO = 0.4 A, CW / CCW mode
0.9
1.35
Upper
Side
VSAT U−3
Vref = VS, VOUT − VS measure
IO = 1.0 A, CW / CCW mode
1.3
1.8
Saturation
Voltage
P Type
Lower
Side
VSAT L−3
3
Vref = VS, VOUT − GND
measure
IO = 1.0 A, CW / CCW mode
1.2
1.85
V
VSAT U−1’
Vref = 10 V
VOUT − GND measure,
IO = 0.2 A, CW / CCW mode
11.2
S/SG / F/FG Type
VSAT U−2’
Vref = 10 V
VOUT − GND measure,
IO = 0.4 A, CW / CCW mode
10.4
10.9
12.2
VSAT U−3’
Vref = 10 V
VOUT − GND measure,
IO = 0.5 A, CW / CCW mode
11.0
Output
Voltage
(Upper Side)
P Type
VSAT U−4’
3
Vref = 10 V
VOUT − GND measure,
IO = 1.0 A, CW / CCW mode
10.2
10.7
12.0
V
Upper
Side
IL U
VL = 25 V
50
Leakage Current
Lower
Side
IL L
4
VL = 25 V
50
μA
S/SG /
F/FG
Type
Upper
Side
VF U−1
IF = 0.4 A
1.5
P Type
Lower
Side
VF U−2
IF = 1 A
2.5
S/SG /
F/FG
Type
Upper
Side
VF L−1
IF = 0.4 A
0.9
Diode
Forward
Voltage
P Type
Lower
Side
VF L−2
5
IF = 1 A
1.2
V
Reference Current
Iref
2
Vref = 10 V, Source mode
20
40
μA


Similar Part No. - TA7291F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
   BRIDGE DRIVER
More results

Similar Description - TA7291F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
   BRIDGE DRIVER
TA7257P TOSHIBA-TA7257P Datasheet
214Kb / 6P
   BRIDGE DRIVER
TA8409S TOSHIBA-TA8409S Datasheet
305Kb / 9P
   BRIDGE DRIVER
TA7354P TOSHIBA-TA7354P Datasheet
191Kb / 5P
   BRIDGE DRIVER
TA8409S TOSHIBA-TA8409S_06 Datasheet
420Kb / 13P
   Bridge Driver
TA7291P TOSHIBA-TA7291P Datasheet
441Kb / 13P
   BRIDGE DRIVER
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
logo
Freescale Semiconductor...
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
logo
Freescale Semiconductor...
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com