Electronic Components Datasheet Search |
|
TA7368PG Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TA7368PG Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 12 page TA7368PG/FG 2006-04-28 3 Absolute Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Supply voltage VCC 14 V TA7368PG 900 Power dissipation TA7368FG PD (Note) 400 mW Operating temperature Topr −25~75 °C Storage temperature Tstg −55~150 °C (Note) Derated above Ta = 25°C in the proportion of 7.2mW / °C for TA7368PG and of 3.2mW / °C for TA7368FG. Electrical Characteristics For TA7368PG (Unless otherwise specified, VCC = 6V, f = 1kHz, Rg = 600Ω, RL = 4Ω, Ta = 25°C) Characteristic Symbol Test Circuit Test Condition Min. Typ. Max. Unit VCC = 3V, Vin = 0 — 5.5 — VCC = 6V, Vin = 0 — 6.6 15 Quiescent current ICCQ — VCC = 9V, Vin = 0 — 7.5 18 mA VCC = 3V ,RL = 4Ω, THD = 10% — 120 — VCC = 6V, RL = 4Ω, THD = 10% 500 720 — VCC = 6V, RL = 8Ω, THD = 10% 300 450 — VCC = 9V, RL = 8Ω, THD = 10% 800 1100 — Output power Pout — VCC = 9V, RL = 16Ω, THD = 10% 450 610 — mW Total harmonic distortion THD — Pout = 100mW — 0.3 1.0 % Voltage gain GV — Vin = 0.5mVrms 37 40 43 dB Output noise voltage Vno — Rg = 10kΩ, BPF = 20Hz~20kHz — 0.2 0.5 mVrms Ripple rejection ratio RR — fr = 100Hz, Vr = 0.3Vrms Without CRIP — 25 — dB Input resistance RIN — — — 27 — kΩ Terminal Voltage For TA7368PG Typical Terminal Voltage at no Signal With Test Circuit. (VCC = 6V, Ta = 25°C) [Unit: V] Terminal no. 1 2 3 4 5 6 7 8 9 DC voltage (V) 0 2.40 0.62 0.64 0 0 2.61 NC 6.0 |
Similar Part No. - TA7368PG |
|
Similar Description - TA7368PG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |