Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7712P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA7712P
Description  3-Phase, Full-Wave Brushless DC Motor Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7712P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA7712P Datasheet HTML 1Page - Toshiba Semiconductor TA7712P Datasheet HTML 2Page - Toshiba Semiconductor TA7712P Datasheet HTML 3Page - Toshiba Semiconductor TA7712P Datasheet HTML 4Page - Toshiba Semiconductor TA7712P Datasheet HTML 5Page - Toshiba Semiconductor TA7712P Datasheet HTML 6Page - Toshiba Semiconductor TA7712P Datasheet HTML 7Page - Toshiba Semiconductor TA7712P Datasheet HTML 8Page - Toshiba Semiconductor TA7712P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TA7712P/PG/F/FG
2007-9-11
3
PIN DESCRIPTION
PIN No.
P/PG
F/FG
SYMBOL
DESCRIPTION
1
1
La
+
High-side drive output for phase a
2
2
La
Low-side drive output for phase a
3
3
Lb
+
High-side drive output for phase b
4
5
Lb
Low-side drive output for phase b
5
6
Lc
+
High-side drive output for phase c
6
7
Lc
Low-side drive output for phase c
7
8
GND
Ground
8
10
START/STOP
Start/Stop select input
9
11
CW/CCW
Rotation direction select input
10
12
BRAKE
Brake input
11
13
FGOUT
FG output
12
14
TFG
Connection pin for a capacitor and an resistor
13
N. C.
No connect
14
17
Hc
c−phase negative Hall-amplifier input
15
18
Hc
+
c−phase positive Hall-amplifierinput
16
19
Hb
b−phase negative Hall-amplifier input
17
20
Hb
+
b−phase positive Hall-amplifier input
18
22
Ha
a−phase negative Hall-amplifier input
19
23
Ha
+
a−phase positive Hall-amplifier input
20
24
VCC
Power supply input
F/FG:
Pins 4, 9, 15, 16 and 21: No connect


Similar Part No. - TA7712P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
More results

Similar Description - TA7712P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6551F TOSHIBA-TB6551F Datasheet
230Kb / 18P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551FAG TOSHIBA-TB6551FAG Datasheet
374Kb / 21P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com