Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8155FNG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA8155FNG
Description  REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8155FNG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA8155FNG Datasheet HTML 2Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 3Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 4Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 5Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 6Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 7Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 8Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 9Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TA8155FG/FNG
2006-04-12
6
(4) Microphone amplifier
Current source of 5.5µA is operated except MIC−REC
mode, because bias is applied to the same output
voltage as output voltage of microphone amplifier
in operation (Fig.3).
(5) VCC (REC)
The VCC (REC) terminal (pin(1)) is applied bias to
VCC (REC) = VCC−0.7V, because the VCC (REC)
terminal (pin(1)) is connected with the VCC terminal
(pin(23)) by diode, as internal circuit of termial
explanation.
And supply current doesn't flow through VCC (REC)
terminal (pin(1)), in case that the terminal is
connectd with VCC line, even though this IC is
on−mode and except REC mode.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
VCC
4.5
Supply voltage
VCC (REC)
4.5
V
TA8155FG
400
Power dissipation
TA8155FNG
PD (Note)
500
mW
Operating Temperature
Topr
−25~75
°C
Storage temperature
Tstg
−55~150
°C
(Note) Derated above Ta = 25°C in the proportion of 3.2mW / °C for TA8155FG, and of 4mW / °C for
TA8155FNG.
Fig.2 Reducing a pop sound of
mode switchover (1).
Fig.3 Reducing a pop sound of
mode switchover (2).


Similar Part No. - TA8155FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8155FN TOSHIBA-TA8155FN Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
More results

Similar Description - TA8155FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
logo
Sony Corporation
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
   3V dual pre / power amplifier
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
List of Unclassifed Man...
TA7417AP ETC-TA7417AP Datasheet
516Kb / 14P
   Dual pre amplifier system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com