Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8155FNG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA8155FNG
Description  REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8155FNG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA8155FNG Datasheet HTML 4Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 5Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 6Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 7Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 8Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 9Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 10Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 11Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TA8155FG/FNG
2006-04-12
8
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.
Max.
Unit
Voltage gain
GV4
Vo = −17dBV
30
32.5
35
dB
Maximum output
voltage
Vom4
THD = 1%
120
200
mVrms
Total harmonic
distortion
THD4
Vo = −17dBV
0.25
0.8
%
Output noise voltage
Vno4
SW6: a, BPF = 30Hz~20kHz
0.12
mVrms
Cross talk (CH
−A / CH−B)
CT4
Vo = −17dBV
52
Ripple rejection ratio
RR4
SW6: a, SW10: OPEN
fr = 100Hz,Vr = −32dBV
36
dB
Voltage gain
GV5
SW7: ON, Vo = −17dBV
58
dB
Maximum output
voltage
Vom5
THD = 3%
600
800
mVrms
ALC total harmonic
distortion
THD5
Vin = −32dBV
0.8
%
Output noise voltage
Vno5
SW6: a, BPF = 30Hz~20kHz
2.1
3.5
mVrms
VoALC1
Vin = −62dBV
−11.7
−8.5
−6.7
ALC voltage
VoALC2
−11.7
−8.5
−6.7
dBV
ALC channel balance
CBALC
Vin = −32dBV
0
1.5
ALC width
WALC
VoALC ≤ 3dB (input voltage)
with respect to standard
Vin = −42dBV
48
dB
Cross talk (CH
−A / CH−B)
CT5
Vin = −32dBV
37
Ripple rejection ratio
RR5
SW6: a,
fr = 100Hz, Vr = −17dBV
39
dB
Power on
current
I12
SW1: c, SW2: b, SW3: b
V6 ≥ 0.6V
5
µA
Power switch
Power off
voltage
V12
SW1: d, SW2: b, SW3: b
V6 ≤ 0.2V
0
0.3
V
Switch Condition For Test Mode (unless otherwise specified.)
Mode
PB AMP.
(PB mode)
BUF AMP.
(radio mode)
REC AMP.
(radio
−REC mode)
MIC AMP.
(MIC mode)
MIC AMP. + REC AMP.
(MIC
−REC mode)
Operating
Amplifier
Switch
PB
BUF
BUF
REC
MIC
−ALC
BUF, REC
SW2
b
b
a
a
SW3
b
a
a
b
SW4
ON
OPEN
OPEN
OPEN
SW5
b
a
a
b
c
SW6
a
a
a
b
SW7
OPEN
OPEN
OPEN
ON
OPEN


Similar Part No. - TA8155FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8155FN TOSHIBA-TA8155FN Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
More results

Similar Description - TA8155FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
logo
Sony Corporation
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
   3V dual pre / power amplifier
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
List of Unclassifed Man...
TA7417AP ETC-TA7417AP Datasheet
516Kb / 14P
   Dual pre amplifier system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com