Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8215HQ Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8215HQ
Description  18W BTL2CH Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8215HQ Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8215HQ Datasheet HTML 1Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 2Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 3Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 4Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 5Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 6Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 7Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 8Page - Toshiba Semiconductor TA8215HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA8215HQ/LQ
2006-04-28
3
The total closed loop gain GV of this IC can be obtained by expression below when the closed loop voltage gain of
Amp1 is GV1.
GV1 = 20ℓog
R2
f
R
R2)
f
(R
R1
+
+
+
(dB) ..... (1)
The closed loop voltage gain of power Amp, Amp3
and Amp4 is fixed at GV3 ≒ GV4 = 20dB.
Therefore, the total closed loop voltage gain GV is
obtained through BTL connection by the expression
below.
GV = GV1 + GV3 + 6 (dB) ..... (2)
For example, when Rf = 0Ω, GV is obtained by the
expressions (1) and (2) as shown below.
GV ≒ 24 + 20 + 6 = 50dB
The voltage gain is reduced when Rf is increased.
(Fig.2)
With the voltage gain reduced, since (1) the oscillation
stability is reduced, and (2) the pop noise changes when
VCC is set to on, refer to the items 3 and 4.
2. Stand
−by SW function
By means of controlling pin (4) (stand
−by terminal) to
high and low, the power suply can be set to on and off.
The threshold voltage of pin (4) is set at about 3V (typ.),
and the power supply current is about 1µA (typ.) at the
stand
−by state.
(4) pin control voltage : V (SB)
Stand
−by
Power
V (SB) (V)
On
Off
0~2
Off
On
3~VCC
~Advantage of stand
−by SW~
(1) Since VCC can directly be controlled to on, off by the microcomuter, the switching relay can be omitted.
(2) Since the control current is microscopic, the switching relay of small current capacity is satisfactory for
switching.
(4)


Similar Part No. - TA8215HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8215H TOSHIBA-TA8215H Datasheet
483Kb / 11P
   18W BTL x 3CH AUDIO POWER AMPLIFIER
More results

Similar Description - TA8215HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8221AHQ TOSHIBA-TA8221AHQ Datasheet
1Mb / 16P
   30W BTL 횞 2Ch Audio Power Amplifier
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com