Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8221ALQ Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA8221ALQ
Description  30W BTL2Ch Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8221ALQ Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA8221ALQ Datasheet HTML 3Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 4Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 5Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 6Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 7Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 8Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 9Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 10Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TA8221AHQ / ALQ
2006-04-28
7
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Peak supply voltage (0.2s)
VCC (surge)
50
V
DC supply voltage
VCC (DC)
25
V
Operating supply voltage
VCC (opr)
18
V
Output current (peak)
IO (peak)
9
A
Power dissipation
PD
50
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Electrical Characteristics
(unless otherwise specified, VCC = 13.2V, RL = 4Ω, f = 1kHz, Ta = 25°C)
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.
Max.
Unit
Quiescent supply current
ICCQ
VIN = 0
120
250
mA
POUT (1)
VCC = 14.4V, RL = 2Ω,
THD = 10%
30
POUT (2)
RL = 2Ω, THD = 10%
17
26
Output power
POUT (3)
THD = 10%
16
19
W
Total harmonic distortion
THD
POUT = 1W
0.04
0.4
%
Voltage gain
GV
48
50
52
dB
Voltage gain ratio
∆GV
−1.0
0
1.0
dB
Output noise voltage
VNO
Rg = 0Ω,
BW = 20Hz~20kHz
0.3
0.7
mVrms
Ripple rejection ratio
R.R.
fripple = 100Hz,
Rg = 600Ω
40
54
dB
Input resistance
RIN
30
kΩ
Output offset voltage
Voffset
VIN = 0
−100
0
100
mV
Current at stand−by state
ISB
100
150
µA
Cross talk
C.T.
Rg = 600Ω,
VOUT = 0.775Vrms (0dBm)
60
dB
Pin(4) control voltage
VSB
Stand−by → off
(power→on)
2.5
VCC
V
Pin(1) control voltage
V (mute)
Mute→on
(power→off)
1.0
2.0
V


Similar Part No. - TA8221ALQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8221AL TOSHIBA-TA8221AL Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
More results

Similar Description - TA8221ALQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com