Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8231LQ Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA8231LQ
Description  42W BTL2CH Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8231LQ Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA8231LQ_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8231LQ_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TA8231LQ
2006-04-28
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Peak supply voltage (0.2s)
VCC (surge)
50
V
DC supply voltage
VCC (DC)
25
V
Operating supply voltage
VCC (opr)
18
V
Output current (peak)
IO (peak)
9
A
Power dissipation
PD
50
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Electrical Characteristics
(unless otherwise specified VCC = 13.2V, f = 1kHz, Rg = 600Ω, Ta = 25°C)
Characteristic
Symbol
Test
Cir
cuit
Condition
Min
Typ.
Max
Unit
Quiescent current
Iccq
Vin = 0
150
250
mA
Pout (1)
VCC = 14.4V, THD = 10%,
RL = 2Ω
42
W
Pout (2)
THD = 10%, RL = 2Ω
28
37
W
Pout (3)
THD = 10%, RL = 4Ω
19
22
W
Output power
Pout (4)
THD = 1%, f = 20Hz~20kHz,
RL = 4Ω
17
W
Total harmonic distortion
THD
Pout = 4W
0.02
0.2
%
Voltage gain
GV
Vout = 0.775Vrms (0dBm)
30.5
32
33.5
dB
Voltage gain ratio
∆GV
Vout = 0.775Vrms (0dBm)
−1
0
1
dB
VNO (1)
Rg = 0Ω, DIN45405
Noise Filter
0.07
mVrms
Output noise voltage
VNO (2)
Rg = 0Ω, BW = 20Hz~20kHz
0.06
0.1
mVrms
Ripple rejection ratio
R.R.
fripple = 100Hz,
Vout = 0.775Vrms (0dBm),
Rg = 600Ω
40
60
dB
Cross talk
C.T.
Rg = 600Ω,
Vout = 0.775Vrms (0dBm)
60
dB
Input resistance
RIN
30
kΩ
Output offset voltage
Voffset
Vin = 0
−200
0
200
mV
Stand
−by current
ISTBY
Pin(1): GND
100
150
µA


Similar Part No. - TA8231LQ_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
More results

Similar Description - TA8231LQ_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
TA8231L TOSHIBA-TA8231L Datasheet
354Kb / 9P
   42W BTL x 2CH AUDIO POWER IC
logo
KEC(Korea Electronics)
KIA8231L KEC-KIA8231L Datasheet
172Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (42W BTL X 2CH AUDIO POWER IC)
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8221AHQ TOSHIBA-TA8221AHQ Datasheet
1Mb / 16P
   30W BTL 횞 2Ch Audio Power Amplifier
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com