Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8473F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA8473F
Description  FAN MOTOR DRIVER IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8473F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA8473F Datasheet HTML 4Page - Toshiba Semiconductor TA8473F Datasheet HTML 5Page - Toshiba Semiconductor TA8473F Datasheet HTML 6Page - Toshiba Semiconductor TA8473F Datasheet HTML 7Page - Toshiba Semiconductor TA8473F Datasheet HTML 8Page - Toshiba Semiconductor TA8473F Datasheet HTML 9Page - Toshiba Semiconductor TA8473F Datasheet HTML 10Page - Toshiba Semiconductor TA8473F Datasheet HTML 11Page - Toshiba Semiconductor TA8473F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TA8473F/FG/FN/FNG
2006-3-2
8
APPLICATION CIRCUIT
<External parts>
(1)
CH
The Half−speed is decided by CH and RH
(2)
T.B.D
Insert this if a noise comes in from the Power Supply.
(3)
CSC
0.22 µF
Capacitor for burning protection circuit.
(4)
2 kΩ
Hall sensor bias resistor.
(5)
Ra
T.B.D
Resistor for adjusting temperature at which the motor speed changes.
(6)
Thermistor
(7)
Rref
(10 kΩ)
Reference resistor
(8)
Rfg
10 kΩ
Pull−up resistor
(9)
Rrd
10 kΩ
Pull−up resistor
(10) CB1
(0.01 µF) Capacitor for noise reduction
(11) CB2
(0.01 µF) Capacitor for noise reduction
Note: Utmost care is necessary in the design of the output, VCC, VM, and GND lines since the IC may be
destroyed by short-circuiting between outputs, air contamination faults, or faults due to improper grounding, or
by short-circuiting between contiguous pins.
TA8473F/FG/FN/FNG


Similar Part No. - TA8473F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
More results

Similar Description - TA8473F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
TA8462F TOSHIBA-TA8462F_06 Datasheet
306Kb / 10P
   FAN MOTOR DRIVER IC
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com