Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA79018SB Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA79018SB
Description  Output Current of 1A, Three-Terminal Negative Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA79018SB Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA79018SB Datasheet HTML 2Page - Toshiba Semiconductor TA79018SB Datasheet HTML 3Page - Toshiba Semiconductor TA79018SB Datasheet HTML 4Page - Toshiba Semiconductor TA79018SB Datasheet HTML 5Page - Toshiba Semiconductor TA79018SB Datasheet HTML 6Page - Toshiba Semiconductor TA79018SB Datasheet HTML 7Page - Toshiba Semiconductor TA79018SB Datasheet HTML 8Page - Toshiba Semiconductor TA79018SB Datasheet HTML 9Page - Toshiba Semiconductor TA79018SB Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TA79005,06,07,08,09,10,12,15,18,20,24SB
2007-02-07
6
TA79012SB
Electrical Characteristics
(Unless otherwise specified, VIN = 19 V, IOUT = 500 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
−12.5
−12.0
−11.5
V
−22 V ≤ VIN ≤ −16 V
13
120
Line regulation
Reg·line
1
Tj = 25°C
−30 V ≤ VIN ≤ −14.5 V
55
240
mV
5 mA ≤ IOUT ≤ 1.5 A
46
240
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
17
120
mV
Output voltage
VOUT
1
Tj = 25°C
−27 V ≤ VIN ≤ −14.5 V,
5 mA ≤ IOUT ≤ 1.0 A
−12.6
−11.4
V
Quiescent current
IB
1
Tj = 25°C
4.4
8.0
mA
Line
1
−30 V ≤ VIN ≤ −14.5 V
1.0
Quiescent current
change
Load
ΔIB
1
Tj = 25°C
5 mA ≤ IOUT ≤ 1.0 A
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, IOUT = 20 mA,
10 Hz ≤ f ≤ 100 kHz
75
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 20 mA, Tj = 25°C
54
61
dB
Short circuit current limit
ISC
1
Tj = 25°C
1.9
A
Dropout voltage
VD
1
Tj = 25°C, IOUT = 1.0 A
2.0
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5.0 mA
1.6
mV/°C
TA79015SB
Electrical Characteristics
(Unless otherwise specified, VIN = 23 V, IOUT = 500 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
−15.6
−15.0
−14.4
V
−26 V ≤ VIN ≤ −20 V
14
150
Line regulation
Reg·line
1
Tj = 25°C
−30 V ≤ VIN ≤ −17.5 V
57
300
mV
5 mA ≤ IOUT ≤ 1.5 A
68
300
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
25
150
mV
Output voltage
VOUT
1
Tj = 25°C
−30 V ≤ VIN ≤ −17.5 V,
5 mA ≤ IOUT ≤ 1.0 A
−15.75
−14.25
V
Quiescent current
IB
1
Tj = 25°C
4.4
8.0
mA
Line
1
−30 V ≤ VIN ≤ −17.5 V
1.0
Quiescent current
change
Load
ΔIB
1
Tj = 25°C
5 mA ≤ IOUT ≤ 1.0 A
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, IOUT = 20 mA,
10 Hz ≤ f ≤ 100 kHz
90
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 20 mA, Tj = 25°C
53
60
dB
Short circuit current limit
ISC
1
Tj = 25°C
1.9
A
Dropout voltage
VD
1
Tj = 25°C, IOUT = 1.0 A
2.0
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5.0 mA
2.0
mV/°C


Similar Part No. - TA79018SB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79018SB TOSHIBA-TA79018SB Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - TA79018SB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com