Electronic Components Datasheet Search |
|
TA7820SB Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TA7820SB Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 15 page TA7805,057,06,07,08,09,10,12,15,18,20,24SB 2007-06-06 3 TA7805SB Electrical Characteristics (Unless otherwise specified, VIN = 10 V, IOUT = 500 mA, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C, IOUT = 100 mA 4.8 5.0 5.2 V 7.0 V ≤ VIN ≤ 25 V ― 3 100 Line regulation Reg·line 1 Tj = 25°C 8.0 V ≤ VIN ≤ 12 V ― 1 50 mV 5 mA ≤ IOUT ≤ 1.4 A ― 15 100 Load regulation Reg·load 1 Tj = 25°C 250 mA ≤ IOUT ≤ 750 mA ― 5 50 mV Output voltage VOUT 1 Tj = 25°C 7.0 V ≤ VIN ≤ 20 V 5.0 mA ≤ IOUT ≤ 1.0 A 4.75 ― 5.25 V Quiescent current IB 1 Tj = 25°C, IOUT = 5 mA ― 4.2 8.0 mA Quiescent current change ΔIB 1 7.0 V ≤ VIN ≤ 25 V, IOUT = 5 mA, Tj = 25°C ― ― 1.3 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz IOUT = 50 mA ― 50 ― μVrms Ripple rejection R.R. 3 f = 120 Hz, 8.0 V ≤ VIN ≤ 18 V IOUT = 50 mA, Tj = 25°C 62 78 ― dB Dropout voltage VD 1 IOUT = 1.0 A, Tj = 25°C ― 2.0 ― V Short circuit current limit ISC 1 Tj = 25°C ― 1.6 ― A Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −0.6 ― mV/°C TA78057SB Electrical Characteristics (Unless otherwise specified, VIN = 10.7 V, IOUT = 500 mA, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C, IOUT = 100 mA 5.47 5.7 5.93 V 7.7 V ≤ VIN ≤ 25 V ― 4 110 Line regulation Reg·line 1 Tj = 25°C 8.7 V ≤ VIN ≤ 12.7 V ― 2 55 mV 5 mA ≤ IOUT ≤ 1.4 A ― 15 110 Load regulation Reg·load 1 Tj = 25°C 250 mA ≤ IOUT ≤ 750 mA ― 5 55 mV Output voltage VOUT 1 Tj = 25°C 7.7 V ≤ VIN ≤ 20.7 V 5.0 mA ≤ IOUT ≤ 1.0 A 5.42 ― 5.98 V Quiescent current IB 1 Tj = 25°C, IOUT = 5 mA ― 4.3 8.0 mA Quiescent current change ΔIB 1 7.7 V ≤ VIN ≤ 25 V, IOUT = 5 mA, Tj = 25°C ― ― 1.3 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz IOUT = 50 mA ― 55 ― μVrms Ripple rejection R.R. 3 f = 120 Hz, 8.8 V ≤ VIN ≤ 18.8 V, IOUT = 50 mA, Tj = 25°C 62 77 ― dB Dropout voltage VD 1 IOUT = 1.0 A, Tj = 25°C ― 2.0 ― V Short circuit current limit ISC 1 Tj = 25°C ― 1.5 ― A Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −0.7 ― mV/°C |
Similar Part No. - TA7820SB |
|
Similar Description - TA7820SB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |