Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-750-5 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # SP-750-5
Description  750W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP-750-5 Datasheet(HTML) 3 Page - Astrodyne Corporation

  SP-750-5 Datasheet HTML 1Page - Astrodyne Corporation SP-750-5 Datasheet HTML 2Page - Astrodyne Corporation SP-750-5 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s p - 7 5 0 series
750W Single Output with PFC Function
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
File�Name:SP-750-SPEC���2005-09-13
Control�Terminal�Instruction�Manual
-V
+
LOAD
+V
+S
-S
RC-
+V
LOAD
+
-V
G
NC
-S
PF NC
+S
RC+
G
PF
RC+ +S
NC
PF
-S NC
G
-V
-
-
-
+
LOAD
+V
RC-
RC+
RC-
Derating�Curve
Static�Characteristics
AMBIENT�TEMPERATURE�(
)
20
40
60
80
100
INPUT�VOLTAGE�(VAC)�60Hz
90
95
100
115
260
90
100
85
70
60
50
40
-20
0
10
20
30
40
50
60
70
Power�Fail�Signal
Remote�Sensing
Remote�Control
PF�Signal�is�the�voltage�difference�between
Power�ON:�RC+/RC-�Short
"G"�and�"PF"�pin�output
Power�OFF:�RC+/RC-�open
750W�Single�Output�Power�Supply
S P - 7 5 0 series
RC+ +S
NC
PF
-S NC
G
RC-


Similar Part No. - SP-750-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-750-5 TOTAL-POWER-SP-750-5 Datasheet
226Kb / 2P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750-5 MEANWELL-SP-750-5 Datasheet
348Kb / 3P
   750W Single Output Power Supply
logo
RSG Electronic Componen...
SP-750-5 RSG-SP-750-5 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750-5 MEANWELL-SP-750-5 Datasheet
350Kb / 3P
   750W Single Output Power Supply
SP-750-5 MEANWELL-SP-750-5 Datasheet
351Kb / 3P
   750W Single Output Power Supply
More results

Similar Description - SP-750-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP750 ASTRODYNE-SP750 Datasheet
761Kb / 5P
   750W Single Output with PFC Function
logo
Mean Well Enterprises C...
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com