Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU15A-103 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SPU15A-103
Description  15 Watt Desktop Switching Power Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU15A-103 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SPU15A-103 Datasheet HTML 1Page - Astrodyne Corporation SPU15A-103 Datasheet HTML 2Page - Astrodyne Corporation SPU15A-103 Datasheet HTML 3Page - Astrodyne Corporation SPU15A-103 Datasheet HTML 4Page - Astrodyne Corporation SPU15A-103 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15 Watt Desktop Switching Power Adapters
s p u 1 5 a / b / d series
WWW.asTROdYNE.COM
asTROdYNE usa: 1-800-823-8082
asTROdYNE EuROpE: 353 51 561060
asTROdYNE paCIFIC: 886-2-26983458
INpuT spECIFICaTIONs
Input Voltage Range
90-264 VAC (Universal)
Frequency Range
47-63 Hz
Input Current
Low Line (115VAC)
0.4A
High Line (230VAC)
0.26A
Inrush Current, typ (Cold Start)
Low Line (115VAC)
15A max.
High Line (230VAC)
30A max.
Leakage Current
0.75mA MAX.
@ 240 VAC, FL
OuTpuT spECIFICaTIONs
Voltage and Current
See Selection Charts
Output Power Range
0 to FL Rating
Load Regulation (230Vin)
+/- 7%, max.
Line Regulation
+/- 1%, max.
Transient Response
100Vin, FL to 1/2L
4mS
Temperature Coefficient
+/-0.04%/°C, typ
Ripple/Noise
FL, 90Vin
2% Pk-Pk
Short Circuit Protection
Continuous, self-recovering *
Start Up / Hold Up Time
100Vin, FL
2S max. / 5 mS min.
GENERaL spECIFICaTIONs
Input-Out Isolation
3000 VAC
Isolation Resistance
50 Mohm min.
Efficiency (FL, 230Vin)
75%, typ
Switching Frequency
89 KHz
Safety
(c)UL60950, EN60950
pHYsICaL spECIFICaTIONs
Size
3.6” x 1.5” x 1.4”
Construction
Desktop Style
Weight
5.8oz (165g)
ENVIRONMENTaL spECIFICaTIONs
Oper. Temperature
0 to +40°C (FL) *
50% Load @ 70°C
(See Derate Curve)
Storage Temperature
-40 to +85°C *
Relative Humidity
5% to 95%, non-cond *
EMC
110Vin:
FCC Part 15 Class B
220Vin:
CISPR-22 Class B
MTBF
100,000 Hrs
dERaTE CuRVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - SPU15A-103

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU15A-103 VOLGEN-SPU15A-103 Datasheet
392Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU15A-103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com