Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU24-105 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU24-105
Description  24 Watt Desktop Switching Power Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU24-105 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU24-105 Datasheet HTML 1Page - Astrodyne Corporation SPU24-105 Datasheet HTML 2Page - Astrodyne Corporation SPU24-105 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24 Watt Desktop Switching Power Adapters
s p u 2 4 series
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Universal 85-265VAC Input
IEC-320-C14 Input Receptacle
Single Outputs from 5 to 48VDC
3000V Isolation
Splash Proof Case
Order On-Line!
astrodyne.com
4.2” x 2.6” x 1.2”
Model Number
Output Watts
Output Voltage
Output Amps
Total Regulation
SPU24-102
15
5V
3A
5%
SPU24-103
20
6V
3.33
5%
SPU24-104
22
10V
2.2A
5%
SPU24-105
24
12V
2A
5%
SPU24-106
24
15V
1.6A
5%
SPU24-107
24
18V
1.33A
5%
SPU24-108
24
24V
1A
3%
SPU24-109
24
30V
0.8A
3%
SPU24-110
24
36V
0.66A
3%
SPU24-111
24
48V
0.5A
2%


Similar Part No. - SPU24-105

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU24-105 VOLGEN-SPU24-105 Datasheet
386Kb / 2P
   24W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU24-105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
TRA24 TRUMPOWER-TRA24 Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
   12-24 Watt Medical Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com