Electronic Components Datasheet Search |
|
SPU24-105 Datasheet(PDF) 2 Page - Astrodyne Corporation |
|
SPU24-105 Datasheet(HTML) 2 Page - Astrodyne Corporation |
2 / 3 page 24 Watt Desktop Switching Power Adapters s p u 2 4 series 300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181 WWW.AsTRODYNE.COM INpuT spECIFICATIONs Input Voltage Range 90-264 VAC (Universal) Frequency Range 47-63 Hz Input Current Low Line (115VAC) 0.7A High Line (230VAC) 0.46A Inrush Current, typ (Cold Start) Low Line (115VAC) 15A max. High Line (230VAC) 30A max. Leakage Current 0.75mA MAX. @ 240 VAC, FL OuTpuT spECIFICATIONs Voltage and Current See Selection Charts Output Power Range 0 to FL Rating Load Regulation (230Vin) +/- 5%, max. Line Regulation +/- 1%, max. Transient Response 100Vin, FL to 1/2L 4mS Temperature Coefficient +/-0.04%/°C, typ Ripple/Noise FL, 90Vin 1% Pk-Pk, max. Short Circuit Protection Continuous, self-recovering * Start Up / Hold Up Time 100Vin, FL 2S max. / 12mS min. GENERAL spECIFICATIONs Input-Out Isolation 3000 VAC Input-Ground Isolation 1500 VAC Isolation Resistance 50 Mohm min. Efficiency (FL, 230Vin) 75%, typ Safety (c)UL60950-1, EN60950 pHYsICAL spECIFICATIONs Size 4.2” x 2.6” x 1.2” Construction Desktop Style Weight 7.6oz (215g) ENVIRONMENTAL spECIFICATIONs Oper. Temperature 0 to +40°C (FL) * 50% Load @ 70°C (See Derate Curve) Storage Temperature -40 to +85°C * Relative Humidity 5% to 95%, non-cond * EMC 110Vin: FCC Part 15 Class B 220Vin: CISPR-22 Class B MTBF 100,000 Hrs DERATE CuRVE NOTE: Low cost 3 Wire IEC320/C13 (Part Number ACCRD-C13) Input Power Cords are available for these products. Inquire to the Astrodyne Sales Depart. * These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. All specifications are typical at nominal input, full load, and 25°C unless other- wise noted Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications. |
Similar Part No. - SPU24-105 |
|
Similar Description - SPU24-105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |