Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU15B-104 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # SPU15B-104
Description  15 Watt Desktop Switching Power Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU15B-104 Datasheet(HTML) 3 Page - Astrodyne Corporation

  SPU15B-104 Datasheet HTML 1Page - Astrodyne Corporation SPU15B-104 Datasheet HTML 2Page - Astrodyne Corporation SPU15B-104 Datasheet HTML 3Page - Astrodyne Corporation SPU15B-104 Datasheet HTML 4Page - Astrodyne Corporation SPU15B-104 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
15 Watt Desktop Switching Power Adapters
s p u 1 5 a series
WWW.asTROdYNE.COM
asTROdYNE usa: 1-800-823-8082
asTROdYNE EuROpE: 353 51 561060
asTROdYNE paCIFIC: 886-2-26983458
MECHaNICaL dIMENsIONs
dC OuTpuT CONNECTIONs
Coaxial plug
+Vout
-Vout
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
Output Cord Length 72” typ.


Similar Part No. - SPU15B-104

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
SPU15 MPSIND-SPU15 Datasheet
434Kb / 2P
   SPU15 SERIES
SPU15102 MPSIND-SPU15102 Datasheet
434Kb / 2P
   SPU15 SERIES
SPU15103 MPSIND-SPU15103 Datasheet
434Kb / 2P
   SPU15 SERIES
SPU15104 MPSIND-SPU15104 Datasheet
434Kb / 2P
   SPU15 SERIES
SPU15105 MPSIND-SPU15105 Datasheet
434Kb / 2P
   SPU15 SERIES
More results

Similar Description - SPU15B-104

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com