Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5665UCX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5665UCX
Description  High-Efficiency, Adaptive Charge Pump 5V Boost
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5665UCX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5665UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5665 • Rev. 1.0.0
4
Electrical Characteristics
Unless otherwise noted, VIN = 2.9V to 5.5V, C1 = C2 = 0.22µF, CIN = 2.2µF, COUT = 2.2µF, TA = -40°C to +85°C, and
test circuit is Figure 1. Typical values are at TA = 25°C, VIN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
ISD
Shutdown Current
VIN = 3.6V
0.1
1.0
µA
VIN = 3.6V, IOUT = 0mA
190
300
IDD
Quiescent Current
VIN = 5.5V, IOUT = 0mA
108
200
µA
VIH
Enable High-level Input Voltage
1.1
V
VIL
Enable Low-level Input Voltage
0.4
V
IIH
Enable Pin Input Current
EN = 1.8V
0.01
1.00
µA
VHUVLO
Under-voltage Lockout High Threshold
VIN Rising
2.65
2.80
V
VLUVLO
Under-voltage Lockout Low Threshold
VIN Falling
2.35
2.60
V
UVLO Hysteresis
250
mV
Regulation
VOUT
Voltage Accuracy
4.85
5.00
5.15
V
VIN = 3.6V, IOUT = 2mA
25
VOUT_RIPPLE Output Voltage Ripple
VIN = 3.6V, IOUT = 30mA
15
mVpp
ISC
Short-Circuit Current Limit
VOUT < 150mV
45
55
80
mA
Rising Temperature
150
TSD
Thermal Shutdown
Hysteresis
20
°C
Timing
VIN = 3.6V, IOUT = 20mA
0.9
1.2
1.5
MHz
fOSC
Internal Oscillator Frequency
VIN = 3.6V, IOUT = 2mA
40
49
65
kHz
tss
Soft-start
EN = 0 to 1
570
950
(2)
µs
Note:
2.
Guaranteed by design.


Similar Part No. - FAN5665UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
More results

Similar Description - FAN5665UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Jiaxing Heroic Technolo...
HT8310 HEROIC-HT8310 Datasheet
601Kb / 4P
   Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
logo
Fairchild Semiconductor
FAN5616 FAIRCHILD-FAN5616 Datasheet
917Kb / 14P
   High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com