Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MC01
Description  Digitally Trimmed Sensor Signal Conditioner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MC01 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC01 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC01 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
MC01
2
TECHNICAL DATA
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
VB, supply voltage
6.5
12
30
V
VB, supply voltage (5V op. mode)
4.5
5
5.5
V
CURRENT SOURCE
Bride current range
2.5
3
4
mA
Bridge voltage swing
VSS+1.4
VDD –1.4
V
PROG. GAIN AMPLIFIER
Gain Range
18.1
25.3
64
D/A CONVERTERS
Resolution
10
bits
Differential Nonlinearity
±0.25
LSB
Input Voltage
0.5
4.5
V
COMPENSATION RANGES (for Infineon GMR interfacing)
Electrical offset correction range
< -50%
>50%
Relative
to
sensor
peak
input ampl.
Mechanical offset correction range
-13.75º
13.75º
Relative to ref.
position
Digital gain correction range
0
2
Operating temperature range
-40 to 125 (under validation)
ºC
OUTPUT CHARACTERISTICS (for Infineon GMR interfacing)
Angular range a
16º
110º
Centered on
ref. position
Angular resolution
9 bits
PWM output resolution
0.19%
PWM duty cycle limits b
0%
100%
PWM frequency
194
200
206
Hz
PWM rise time/fall time c
20
30
µs
Analog output resolution
7.8
mV
NOTES:
a angular range selectable from 16º to 110º in 1024 steps
b PWM duty cycle limits symmetrical: L% to (100-L)%, L selectable from 0%-50% in 256 steps
c PWM rise/fall times when slope control option is set


Similar Part No. - MC01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC010 ETC1-MC010 Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
MC010A ETC1-MC010A Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
MC010A1 ETC1-MC010A1 Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
MC010B ETC1-MC010B Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
MC010B1 ETC1-MC010B1 Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
More results

Similar Description - MC01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
   1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com