Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCA9543ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 10Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 11Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 12Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 13Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 14Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
Switching Characteristics
Interrupt and Reset Timing Requirements
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
over recommended operating free-air temperature range, CL ≤ 100 pF (unless otherwise noted) (see Figure 13)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
RON = 20 Ω, CL = 15 pF
0.3
tpd
(1)
Propagation delay time
SDA or SCL
SDn or SCn
ns
RON = 20 Ω, CL = 50 pF
1
tiv
Interrupt valid time(2)
INTn
INT
4
μs
tir
Interrupt reset delay time(2)
INTn
INT
2
μs
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
Data taken using a 4.7-k
Ω pullup resistor and 100-pF load (see Figure 13)
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 13)
PARAMETER
MIN
MAX
UNIT
tPWRL
Required low-level pulse duration of INTn inputs(1)
1
μs
tPWRH
Required high-level pulse duration of INTn inputs(1)
0.5
μs
tWL
Pulse duration, RESET low
4
ns
trst
(2)
RESET time (SDA clear)
500
ns
tREC
Recovery time from RESET to start
0
ns
(1)
The device has interrupt input rejection circuitry for pulses less than the listed minimum.
(2)
trst is the propagation delay measured from the time the RESET pin is first asserted low to the time the SDA pin is asserted high,
signaling a stop condition. It must be a minimum of tWL.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCA9543A


Similar Part No. - PCA9543ADRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543AD NXP-PCA9543AD Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543AD NXP-PCA9543AD Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543AD PHILIPS-PCA9543AD Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
More results

Similar Description - PCA9543ADRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com