Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BG-703 Datasheet(PDF) 8 Page - Winbond

Part # W83194BG-703
Description  STEPLESS CLOCK FOR SIS 741 CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BG-703 Datasheet(HTML) 8 Page - Winbond

Back Button W83194BG-703 Datasheet HTML 4Page - Winbond W83194BG-703 Datasheet HTML 5Page - Winbond W83194BG-703 Datasheet HTML 6Page - Winbond W83194BG-703 Datasheet HTML 7Page - Winbond W83194BG-703 Datasheet HTML 8Page - Winbond W83194BG-703 Datasheet HTML 9Page - Winbond W83194BG-703 Datasheet HTML 10Page - Winbond W83194BG-703 Datasheet HTML 11Page - Winbond W83194BG-703 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
W83194BR-703/W83194BG-703
-4-
5. PIN DESCRIPTION
BUFFER TYPE SYMBOL
DESCRIPTION
IN
Input
INtp120k
Latched input at power up, internal 120kΩ pull up.
INtd120k
Latched input at power up, internal 120kΩ pull down.
OUT
Output
OD
Open Drain
#
Active Low
*
Internal 120k
Ω pull-up
&
Internal 120 k
Ω pull-down
5.1 Crystal I/O
PIN
PIN NAME
TYPE
DESCRIPTION
6
XIN
IN
Crystal input with internal loading capacitors (18pF) and
feedback resistors.
7
XOUT
OUT
Crystal output at 14.318MHz nominally with internal loading
capacitors (18pF).
5.2 CPU, AGP, ZCLK and PCI, IOAPIC Clock Outputs
PIN
PIN NAME
TYPE
DESCRIPTION
38,37
CPUT0
CPUC0
OD
3.3V open drain differential clock outputs for AMD K7 CPU
40
CPUT1
OD
3.3V open drain singled –ended synchronize with CPUT0,
For chipset host bus
43,42
SRCT, SRCC
OUT Current mode differential clock outputs for SRC
31,30
AGP_0: 1
OUT 3.3V AGP clock outputs.
9,10
ZCLK0: 1
OUT 3.3V ZCLK clock outputs, For MuTIOL bus.
PCI_F0
OUT 3.3V PCI free running clock output.
14
FS2*
INtp120k
Latched input for FS2 at initial power up for H/W selecting
the output frequency. This is internal 120K pull up.
PCI_F1
OUT 3.3V PCI free running clock output.
15
FS3*
INtp120k
Latched input for FS3 at initial power up for H/W selecting
the output frequency, This is internal 120K pull up.
16,17,20,21
,22,23
PCI [0:5]
OUT Low skew (< 250ps) PCI clock outputs.
47,46
IOAPIC [0:1]
OUT 2.5V IOAPIC outputs.


Similar Part No. - W83194BG-703

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BG-323 WINBOND-W83194BG-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BG-603 WINBOND-W83194BG-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BG-903 WINBOND-W83194BG-903 Datasheet
355Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BG-911 WINBOND-W83194BG-911 Datasheet
365Kb / 25P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BG-SD WINBOND-W83194BG-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results

Similar Description - W83194BG-703

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194BR-B WINBOND-W83194BR-B Datasheet
232Kb / 19P
   Stepless Clock Gen. For INTEL Brookdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com