Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2118F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB2118F
Description  High Speed PLL For DTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2118F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB2118F Datasheet HTML 1Page - Toshiba Semiconductor TB2118F Datasheet HTML 2Page - Toshiba Semiconductor TB2118F Datasheet HTML 3Page - Toshiba Semiconductor TB2118F Datasheet HTML 4Page - Toshiba Semiconductor TB2118F Datasheet HTML 5Page - Toshiba Semiconductor TB2118F Datasheet HTML 6Page - Toshiba Semiconductor TB2118F Datasheet HTML 7Page - Toshiba Semiconductor TB2118F Datasheet HTML 8Page - Toshiba Semiconductor TB2118F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TB2118F
2002-10-30
3
Pin Function
Pin
No.
Symbol
Pin Name
Function And Operation
Remarks
1
XO
24
XI
Crystal
oscillator pins
Serial data input:
Setting F0 and F1 bits selects the
frequency of the crystal oscillator to
be connected.
Buff.
ON
/OFF
OSC
circuit
OSC
XIN
XOUT
2
OSC
Crystal
oscillator
output pin
Setting the OSC bit outputs the
oscillation frequency.
0 = output off
1 = output on
15
FMVCO
FM band local
signal input
Serial data input:
When AM / FM bit = "0" FMVCO is
selected.
Input signal is directly transferred to
the swallow counter.
Input frequency: 30 to 150MHz
Divided frequency: 528 to 65.535
16
AMVCO
AM band local
signal input
Serial data input:
When AM / FM bit = "1" AMVCO is
selected.
When mode = "1" AM band is
selected (by pulse swallow).
Input frequency: 1.0 to 40MHz
Divided frequency: 528 to 65.535
RfIN
13
IFC
IF signal input
input frequency: 0.1 to 15MHz
The selected signal is input to a 20
-bit
general
-purpose counter via a gate
circuit.
RfIF
3
CE
Chip enable
input
5
CK
Clock input
4
DIN
Serial data
input
6
DOUT
Serial data
output
Serial interface pins.
Data used for controlling TB2118F are
exchanged between controllers.
Control data are input via DIN in sync.
With clock input via CK. Control data
input start / stop is specified using CE.
General
-purpose counter data are
output in sync. With clock input via CK
from DOUT.
The CK / CE / DIN pin is schmitt trigger
input.
CE / CK / DIN
DOUT


Similar Part No. - TB2118F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
   HIGH SPEED PLL FOR DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
   High Speed PLL For DTS
More results

Similar Description - TB2118F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
   HIGH SPEED PLL FOR DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
   High Speed PLL For DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
   HIGH SPEED PLL FOR DTS
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
   PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
   PLL FOR DTS
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
   PLL FOR DTS
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com