Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6549FG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB6549FG
Description  Full-Bridge Driver IC for DC Motors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6549FG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB6549FG Datasheet HTML 7Page - Toshiba Semiconductor TB6549FG Datasheet HTML 8Page - Toshiba Semiconductor TB6549FG Datasheet HTML 9Page - Toshiba Semiconductor TB6549FG Datasheet HTML 10Page - Toshiba Semiconductor TB6549FG Datasheet HTML 11Page - Toshiba Semiconductor TB6549FG Datasheet HTML 12Page - Toshiba Semiconductor TB6549FG Datasheet HTML 13Page - Toshiba Semiconductor TB6549FG Datasheet HTML 14Page - Toshiba Semiconductor TB6549FG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TB6549F/FG/P/PG/HQ
2007-3-6
11
Test Circuit
1. Icc1, Icc2, Icc3, Icc4, IINH, IINL, IINSH, IINSL
• Icc1: IN1 = 0 V, IN2 = 0 V, SB = 5 V
• Icc2: IN1 = 5 V, IN2 = 5 V, SB = 5 V or IN1 = 0 V, IN2 = 5 V, SB = 5 V
• Icc3: IN1 = 5 V, IN2 = 5 V, SB = 5 V
• Icc4: IN1 = 5 V/0 V, IN2 = 5 V/0 V, SB = 0 V
• IINH: IN1 = 5 V, and IN2 = 5 V
• IINL: IN2 = 0 V, and IN2 = 0 V
• IINSH: SB = 5 V
• IINSL: SB = 0 V
2. VINH, VINL, VINSH, VINSL
• VINH, VINSH: IN1 = IN2 = SB = 2 V. Verify that OUT1 = OUT2 = L.
• VINL: IN1 = 0.8 V, IN2 = SB = 2 V. Verify that OUT1 = L, OUT2 = H. IN1 = SB = 2 V, IN2 = 0.8 V. Verify
that OUT1
= OUT2 = L.
• VINSL: IN1 = IN2 = 2 V, SB = 0.8 V. Verify that the output function is high impedance.
5V
5V/0V
5V/0V
5V/0V
A
ICC
24V
VCC
Vreg
CcpC
CcpB
CcpA
PWM
A
IN1
IIN
A
IN2
IIN
A
SB
IINS
P-GND
S-GND
OUT1
OUT2
TB6549F/P
V
24V
VCC
Vreg
CcpC
CcpB
CcpA
PWM
5V
IN1
2V/0.8V
IN2
0.8V/2V
SB
2V/0.8V
P-GND
S-GND
OUT1
OUT2
TB6549F/P
V
TB6549F/FG/P/PG/HQ
TB6549F/FG/P/PG/HQ


Similar Part No. - TB6549FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549FG TOSHIBA-TB6549FG Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
More results

Similar Description - TB6549FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com