Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6552FL Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB6552FL
Description  DUAL-BRIDGE DRIVER IC FOR DC MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6552FL Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB6552FL Datasheet HTML 1Page - Toshiba Semiconductor TB6552FL Datasheet HTML 2Page - Toshiba Semiconductor TB6552FL Datasheet HTML 3Page - Toshiba Semiconductor TB6552FL Datasheet HTML 4Page - Toshiba Semiconductor TB6552FL Datasheet HTML 5Page - Toshiba Semiconductor TB6552FL Datasheet HTML 6Page - Toshiba Semiconductor TB6552FL Datasheet HTML 7Page - Toshiba Semiconductor TB6552FL Datasheet HTML 8Page - Toshiba Semiconductor TB6552FL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TB6552FN/FNG/FL/FLG
2007-4-2
5
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Remarks
VM
15
Supply voltage
VCC
6
V
Input voltage
VIN
−0.2 to 6
V
IN1, 2, STBY and PWM pins
Output current
IOUT
1
A
Power dissipation
PD
0.78
(Note 1)
W
Operating temperature
Topr
−20 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: This rating is obtained when the product is mounted on a 50 × 30 × 1.6 mm glass-epoxy PCB of which 40%
or more is occupied by copper.
Operating Range (Ta =
−20 to 85°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage (VCC)
VCC
2.7
3.0
5.5
V
Supply voltage (VM)
VM
2.5
5.0
13.5
V
Output current
Iout
0.8
A
PWM frequency
fPWM
100
kHz


Similar Part No. - TB6552FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FL TOSHIBA-TB6552FL Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FLG TOSHIBA-TB6552FLG Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
More results

Similar Description - TB6552FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TC78H630FNG TOSHIBA-TC78H630FNG Datasheet
356Kb / 15P
   DC brushed motors driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com