Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6549PG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB6549PG
Description  Full-Bridge Driver IC for DC Motors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6549PG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB6549PG Datasheet HTML 6Page - Toshiba Semiconductor TB6549PG Datasheet HTML 7Page - Toshiba Semiconductor TB6549PG Datasheet HTML 8Page - Toshiba Semiconductor TB6549PG Datasheet HTML 9Page - Toshiba Semiconductor TB6549PG Datasheet HTML 10Page - Toshiba Semiconductor TB6549PG Datasheet HTML 11Page - Toshiba Semiconductor TB6549PG Datasheet HTML 12Page - Toshiba Semiconductor TB6549PG Datasheet HTML 13Page - Toshiba Semiconductor TB6549PG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TB6549F/FG/P/PG/HQ
2007-3-6
10
6.
VCC Power Supply Section
• The VCC power supply delivers a voltage to the output circuit, charge pump circuit, and internal 5 V
circuit.
• The operating voltage range is shown below:
VCC (opr.) = 10 to 27 V
• This IC has a power monitoring function for preventing an output malfunction on power-up. However,
Toshiba recommends that IN1, IN2, and SB be set to the Low level at power-on.
7.
GND Sections
• This IC includes two separate GND sections: S-GND for controlling and P-GND for outputting. Be sure
to short-circuit these two GNDs as close to TB6549 as possible.
8.
Power Monitoring Circuit
• This circuit turns the output OFF when Vreg becomes 3.0 V (design target value) or less. At this time,
VCC = 4.6 V (typ.).
• With a hysteresis of 0.3 V (design target value), the output turns back ON when Vreg exceeds 3.3 V
(design target value) after this circuit starts operating.
9.
Thermal Shutdown (TSD) Circuit
This IC includes a thermal shutdown circuit, which turns the output OFF when the junction temperature
(Tj) exceeds 160°C (typ.). The output turns back ON automatically. The thermal hysteresis is 20°C.
TSD = 160°C (design target value)
ΔTSD = 20°C (design target value)
10. Overcurrent Detection (ISD) Circuit
This IC includes a circuit to detect current flowing through the output power transistors. The current limit
is set to 5 A (typ.). The circuit detects a current flowing through each of the four output power transistors.
If the current in any one output power transistor exceeds the set limit, this circuit turns all the outputs
OFF.
This circuit includes a timer that causes the outputs to be OFF for 50
μs (typ.) after detection of an
overcurrent and then turn back ON automatically. If the overcurrent continues to flow, this ON-OFF
operation is repeated. Note that to prevent a malfunction due to a glitch, an insensitive period of 10
μs
(typ.) is provided.
The set limit is 5 A (typ.) as a design target value. The distributions shown below exist because of the
variations in thermal characteristics of different ICs. These distributions should be fully considered in the
motor torque design.
Also, output peak current should be less than 3 A because of the variations below,
Detected current: Approximately from 3.5 to 6.5 A
ILIM
50
μs
(typ.)
0
10
μs
(typ.)
Insensitive period
50
μs
(typ.)
10
μs
(typ.)
Output Current


Similar Part No. - TB6549PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549PG TOSHIBA-TB6549PG Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
More results

Similar Description - TB6549PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com