Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6552FNG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB6552FNG
Description  DUAL-BRIDGE DRIVER IC FOR DC MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6552FNG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB6552FNG Datasheet HTML 3Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 4Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 5Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 6Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 7Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 8Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 9Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 10Page - Toshiba Semiconductor TB6552FNG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TB6552FN/FNG/FL/FLG
2007-4-2
7
Characteristic Wave Form
Ambient temperature
Ta
(°C)
PD – Ta
VM
(V)
Hi-side
VM – Ron
VCC (V)
Lo-side
VCC – Ron
1.2
0
0
0.2
0.6
0.8
1.0
50
100
150
180
0.4
(1) 50
× 30 × 1.6 mm PCB mounting
occupied copper area in excess of 40%
(2) IC only
θj-a = 250°C/W
(1)
(2)
3000
0
1
500
1000
2000
2500
2
3
5
6
4
1500
Ta
= 85°C
Ta
= 25°C
Ta
= −20°C
1000
0
1
200
400
800
2
3
5
6
4
600
Ta
= 85°C
Ta
= 25°C
Ta
= −20°C
TB6552FN/FNG


Similar Part No. - TB6552FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FNG TOSHIBA-TB6552FNG Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
More results

Similar Description - TB6552FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TC78H630FNG TOSHIBA-TC78H630FNG Datasheet
356Kb / 15P
   DC brushed motors driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com