Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6552FLG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB6552FLG
Description  DUAL-BRIDGE DRIVER IC FOR DC MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6552FLG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB6552FLG Datasheet HTML 2Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 3Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 4Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 5Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 6Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 7Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 8Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 9Page - Toshiba Semiconductor TB6552FLG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TB6552FN/FNG/FL/FLG
2007-4-2
6
Electrical Characteristics (unless otherwise specified, VCC = 3 V, VM = 12 V, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC (STP)
Stop mode
0.9
1.2
ICC (W)
CW/CCW mode
0.9
1.2
ICC (SB)
Short break mode
0.9
1.2
mA
ICC (STB)
10
Supply current
IM (STB)
(Standby mode)
1
μA
VINH
2
VCC +
0.2
Input voltage
VINL
−0.2
0.8
Hysteresis
voltage
VIN (HIS)
(Not tested)
0.2
V
IINH
5
15
25
Control circuit
Input current
IINL
1
μA
VINSH
2
VCC +
0.2
Input voltage
VINSL
−0.2
0.8
V
IINSH
5
10
20
Standby circuit
Input current
IINSL
1
μA
Io = 0.2 A
0.3
0.4
Output saturating voltage
Vsat (U + L)
Io = 0.8 A
1.2
1.5
V
IL (U)
1
Output leakage current
IL (L)
VM
= 15 V
1
μA
VF (U)
Io = 0.8 A
1
1.2
Diode forward voltage
VF (L)
Io = 0.8 A
1
1.2
V
PWM frequency
fPWM
100
kHz
PWM control
circuit
Minimum clock
pulse width
tw (PWM)
10
μs
Tr
100
Tf
100
tpLH (PWM)
1000
Output transistor switching
tpHL (PWM)
Not tested
1000
ns
Thermal shutdown circuit operating
temperature
TSD
(Not tested)
170
°C
Thermal shutdown hysteresis
ΔTSD
(Not tested)
20
°C


Similar Part No. - TB6552FLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FLG TOSHIBA-TB6552FLG Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
More results

Similar Description - TB6552FLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TC78H630FNG TOSHIBA-TC78H630FNG Datasheet
356Kb / 15P
   DC brushed motors driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com