Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6575FNG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB6575FNG
Description  PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6575FNG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB6575FNG_06 Datasheet HTML 3Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 4Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 5Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 6Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 7Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 8Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 9Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 10Page - Toshiba Semiconductor TB6575FNG_06 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TB6575FNG
2006-3-6
7
8.
Lead angle control
The motor runs with a lead angle of 0° in forced commutation mode at startup. After switching to natural
commutation, the lead angle automatically changes to the value set by the LA pin.
9.
Overlap commutation
When SEL_LAP
= high, the TB6575FNG is configured to allow for 120° commutation. When SEL_LAP =
low, it is configured to allow for overlap commutation. In overlap commutation, there is an overlap period
during which both the outgoing transistor and incoming transistor are conducting (as shown in the shaded
areas). This period varies according to the lead angle.
(3) Lead angle of 15°
OUT_WN
OUT_VN
OUT_WP
Back-EMF
PWM signal
(1) Lead angle of 0°
OUT_UP
OUT_UN
OUT_VP
OUT_VN
OUT_WP
OUT_WN
(2) Lead angle of 7.5°
OUT_UP
OUT_UN
OUT_VP
OUT_UP
OUT_UN
OUT_VP
OUT_VN
OUT_WP
OUT_WN
UV
W
30°
22.5°
15°
*OS
= High
(2) Lead angle of 15°
OUT_WN
OUT_VN
OUT_WP
Back-EMF
PWM signal
(1) Lead angle of 7.5°
OUT_UP
OUT_UN
OUT_VP
OUT_UP
OUT_UN
OUT_VP
OUT_VN
OUT_WP
OUT_WN
UV
W
*OS
= High


Similar Part No. - TB6575FNG_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
More results

Similar Description - TB6575FNG_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
logo
ON Semiconductor
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P_06 Datasheet
378Kb / 19P
   PWM TYPE 3−PHASE FULL−WAVE SENSORLESS MOTOR CONTROLLER
logo
ON Semiconductor
LV8814J ONSEMI-LV8814J Datasheet
2Mb / 36P
   Motor Driver 3-Phase PWM Full-Wave BLDC
June 2016- Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com