Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5L1.8 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # T5L1.8
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T5L1.8 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  T5L1.8 Datasheet HTML 1Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 2Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 3Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 4Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 5Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 6Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 7Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 8Page - Toshiba Semiconductor T5L1.8 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
2007-09-06
2
How to Order
Product No.
Package Type and Capacity
TB7101F(T5L*.*,F)
Emboss Taping (3000pcs / reel )
Block Diagram
Pin Descriptions
Pin No.
Pin Symbol
Pin Description
1
PGND
Power ground.
2
VIN
Input pin. This pin is placed in the standby state if VENB = low. 1 μA or lower operating current.
3
EN
Enable pin. This pin is connected to the CMOS inverter. Applying 3.5 V or higher (@ VIN = 5 V)
to this pin causes the internal circuit to start switching control.
4
SGND
Signal ground.
5
N.C.
No connection.
6
N.C.
No connection.
7
VOUT
Output voltage pin. Output voltage is set to 1.2V / 1.5V / 1.8V / 2.5V / 3.3V(typ.) internally.
8
LX
Switching pin. This pin is connected to high-side pch MOS FET and low-side nch MOS FET.
PGND
DRIVER
OSCILLATOR
Current
Detection
VIN
+
-
DRIVER
VOUT
SGND
+
-
VCOMP
Error
Amplifier
Slope
Compensation
+
-
Control
Logic
Phase
Compensation
PWM
comparator
0.8V(TYP.)
Heat
Protection
Under voltage lock out
Soft Start
Reference voltage
Lx
EN


Similar Description - T5L1.8

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com