Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5L2.5 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # T5L2.5
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T5L2.5 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  T5L2.5 Datasheet HTML 1Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 2Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 3Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 4Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 5Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 6Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 7Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 8Page - Toshiba Semiconductor T5L2.5 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
2007-09-06
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
-0.3~6
V
Switch pin voltage
VLX
-0.3~6
V
Feedback pin voltage
VOUT
-0.3~6
V
Enable pin voltage
VEN
-0.3~6
V
Input-enable pin voltage
VEN-VIN
VEN-VIN<0.3
V
Power dissipation (Note 1)
PD
0.7
W
Operating temperature
Topr
-40~85
oC
Operating junction temperature
Tjopr
-40~125
Channel temperature
Tch
150
°C
Storage temperature
Tstg
-55~150
°C
Note 1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage a
significant change in temperature, etc.) may significantly reduce the reliability of this product
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please consult the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc) when designing in order to ensure the appropriate reliability.
Thermal Resistance Characteristic
Characteristics
Symbol
Max
Unit
Thermal resistance, channel and ambient
Rth (ch-a)
178.6 (Note 2)
°C /W
(Note 2)
Glass epoxy board
Material: FR-4
25.4 × 25.4 × 0.8
(Unit: mm)


Similar Description - T5L2.5

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com