Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5L1.2F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # T5L1.2F
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T5L1.2F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  T5L1.2F Datasheet HTML 1Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 2Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 3Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 4Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 5Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 6Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 7Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 8Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
2007-09-06
1
Toshiba BiCD Integrated Circuit Silicon Monolithic
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
Step-down DC-DC Converter IC
The TB7101F is a single-chip step-down DC-DC converter IC.
Equipped with a built-in high-speed and low on-resistance power
MOSFET, and utilizing a synchronous rectifier circuit, this IC can
achieve high efficiency.
Features
• Capable of high current drive (IOUT = maximum of 1 A), using
only a few external components.
• Operating voltage (VIN) range: 2.7 to 5.5 V.
• Fixed output voltage : VOUT = 1.2V / 1.5V / 1.8V / 2.5V / 3.3V(typ.)
• High oscillation frequency of 1 MHz (typ.), making it possible to use small external components.
• Uses internal phase compensation, achieving high efficiency using only an inductor and two capacitors.
• Built-in current mode architecture with excellent fast load response.
• A small surface-mount type ceramic capacitor can be used as an output smoothing capacitor.
• Housed in a small surface-mount package (PS-8) with a low thermal resistance.
• Built-in undervoltage lock out (U.V.L.O), heatprotection, and overcurrent protection.
Marking (Note 1)/Pin Assignment
Due to its MOS structure, this product is sensitive to electrostatic discharge. Handle with care.
SON8-P-0303-0.65A
Weight
: 0.017 g (typ.)
Type
Output
voltage(V)
Type name
TB7101F(T5L1.2,F)
1.2
7101A
TB7101F(T5L1.5,F)
1.5
7101B
TB7101F(T5L1.8,F)
1.8
7101C
TB7101F(T5L2.5,F)
2.5
7101D
TB7101F(T5L3.3,F)
3.3
7101E
Note 1: ● on the lower left of the marking indicates Pin 1.
1 : PGND
2 : VIN
3 : EN
4 : SGND
5 : N.C.
6 : N.C.
7 : VOUT
8 : LX
8
765
1
234
Type name
Lot No.
Manufacturing week Code
(The first week of the year is 01, continuing up to 52 or 53)
Manufacturing year Code
(Last digit of the year of manufacture)
* The Lot number comprises three numerals. The first numeral represents the last digit of the year of
manufacture, and the following two digits indicate the week of manufacture, beginning with 01 and continuing to
either 52 or 53.


Similar Description - T5L1.2F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com