Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62600F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB62600F
Description  64BIT SHIFT REGISTER / LATCH DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62600F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB62600F Datasheet HTML 6Page - Toshiba Semiconductor TB62600F Datasheet HTML 7Page - Toshiba Semiconductor TB62600F Datasheet HTML 8Page - Toshiba Semiconductor TB62600F Datasheet HTML 9Page - Toshiba Semiconductor TB62600F Datasheet HTML 10Page - Toshiba Semiconductor TB62600F Datasheet HTML 11Page - Toshiba Semiconductor TB62600F Datasheet HTML 12Page - Toshiba Semiconductor TB62600F Datasheet HTML 13Page - Toshiba Semiconductor TB62600F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TB62600F
2006-06-14
10
RECOMMENDED TIMING CONDITIONS (Ta = −40~85°C, VDD = 4.5~5.5 V, VSS = 0 V)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Clock Pulse Width
tw CLK
50
ns
Enable Pulse Width
tw EN
0.5
µs
Latch Pulse Width
tw LAT
50
ns
Clear Pulse Width
tw CLR
80
ns
Data Set up Time
tsetup
37
50
ns
Data Hold Time
thold
50
ns
SWITCHING CHARACTERISTICS
(Ta = 25°C, VDD = 5 V, VOUT = 26 V, R1 = 650 Ω, CL = 15 pF)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
CLK− Outn
MMV−C / R = "L"
1000
R − Outn
MMV−C / R = "L"
1000
LAT1 − Outn
MMV−C / R = "L"
1000
LAT2 − Outn
MMV−C / R = "L"
1000
Propagation Delay Time
(Low−to−High)
EN− Outn
tpLH
R = 750 kΩ, C = 2600 pF,Ta =
25°C
2500
ns
CLK− Outn
MMV−C / R = "L"
1000
LAT1 − Outn
MMV−C / R = "L"
1000
LAT2 − Outn
MMV−C / R = "L"
1000
Propagation Delay Time
(High−to−Low)
EN−
n
Out
tpHL
R = 750 kΩ, C = 2600 pF,Ta =
25°C
2500
ns
CLK− LATn
tsetup (L)
70
120
Set Up Time
CLK−S−IN
tsetup (D)
30
CLK− LATn
thold (L)
0
Hold Time
CLK−S−IN
thold (D)
20
ns
Clock Pulse Width
tw CLK
50
ns
Latch Pulse Width
tw LATn
50
ns
Reset Pulse Width
tw R
50
ns
Enable Pulse Width
tw EN
400
ns
Output Rise Time
tor
OUTn
200
500
ns
Output Fall Time
tof
OUTn
200
500
ns
Maximum Clock Frequency
fMAX
Duty = 50%
10
15
Voltage Superviser Operating Pulse Width
tw VS
VDD (H) = 5 V, VDD (L) = 2 V
200
MMV Reset Time
tMMV
R = 750 kΩ, C = 2600 pF,Ta =
25°C
1
3
5


Similar Part No. - TB62600F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
More results

Similar Description - TB62600F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
TD62801P TOSHIBA-TD62801P Datasheet
237Kb / 7P
   8BIT SHIFT REGISTER/LATCH/DRIVER
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
logo
Panasonic Semiconductor
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
   32-bit Shift Register Latch Driver IC
DN8643S PANASONIC-DN8643S Datasheet
42Kb / 4P
   24-bit Shift Register Latch Driver IC
logo
Sanyo Semicon Device
LC7935AN SANYO-LC7935AN Datasheet
91Kb / 5P
   General-Purpose 32-Bit Shift Register Latch Driver
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com