Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5L2.5F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # T5L2.5F
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T5L2.5F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button T5L2.5F Datasheet HTML 6Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 7Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 8Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 9Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 10Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 11Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 12Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 13Page - Toshiba Semiconductor T5L2.5F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
2007-09-06
10
Electrical Characteristics Common to All Products
When a pulse test is carried out, Tj = 25°C is the standard condition in the measurements for each item.
Any drift in the electrical characteristic due to a rise in the junction temperature of the chip may be disregarded.
Application Circuit Example
Figure 1: TB7101F application circuit example
Component constants
The following values are given only for your reference and may need tuning depending on your input/output conditions and board
layout.
CIN: Input smoothing capacitance of 10 μF
(multilayer ceramic capacitor JMK212BJ106KG, manufactured by Taiyo Yuden Co., Ltd.)
COUT: Output smoothing capacitance of 10 μF
(multilayer ceramic capacitor JMK212BJ106KG manufactured by Taiyo Yuden Co., Ltd.)
L: Inductor3.3
μH (@ VIN = 5 V, VOUT = 3.3 V); CDRH4D28C/LD series, manufactured by Sumida Corporation
How to use
Setting the Inductance
The required inductance can be calculated by using the following equation:
IN
OUT
L
OSC
OUT
IN
V
V
I
f
V
V
L
Δ
=
… (1)
VIN: Input voltage (V)
fOSC: Oscillation frequency (Hz)
VOUT: Output voltage (V)
ΔIL: Inductor ripple current (A)
* Generally,
ΔIL should be set to 30% to 40% of the maximum output current. For the TB7101F, set ΔIL to 0.3 A, as its
maximum current [ILX(MAX)] is 1 A (min). Therefore select an inductor whose current rating is no lower than the
peak switch current [1.15 A (min)] of the TB7101F. If the current rating is exceeded, the inductor becomes
saturated, leading to an unstable DC-DC converter operation.
If VIN = 5 V and VOUT = 3.3 V, the required inductance can be calculated as below. Be sure to select an inductor
with an optimum constant by taking VIN variations into consideration.
TB7101F(T5L*.*,F)
VOUT
PGND
SGND
EN
VIN
COUT
VOUT
GND
L
CIN
GND
LX
VIN


Similar Description - T5L2.5F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com