Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62706BN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB62706BN
Description  16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62706BN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB62706BN_06 Datasheet HTML 1Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 2Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 3Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 4Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 5Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 6Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 7Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 8Page - Toshiba Semiconductor TB62706BN_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TB62706BN/BF
2006-06-14
1
TOSHIBA Bi−CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB62706BN,TB62706BF
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
The TB62706BN, TB62706BF is specifically designed for LED
and LED DISPLAY constant current drivers.
This constant current output circuits is able to set up external
resistor (IOUT = 5~90 mA). (Note)
This IC is monolithic integrated circuit designed to be used
together with Bi−CMOS process.
The devices consist of 16bit shift register, latch, AND−GATE and
Constant Current Drivers.
FEATURES
Constant Current Output
: Can set up all output current
with one resister for 5 to 90
mA.
Maximum Clock Frequency : fCLK = 15 (MHz) (Cascade
Connected Operate, Topr =
25°C)
5 V C−MOS Compatible Input
Package : SDIP24−P−300−1.78~1.778mmPitch~ (TB62706BN)
SSOP24−P−300−1.00B~1.0mmPitch~ (TB62706BF)
Constant Output Current Matchong:
OUTPUT−GND
VOLTAGE
CURRENT
MATCHING
OUTPUT
CURRENT
≥ 0.4 V
±6.0%
5~40 mA
≥ 0.7 V
±6.0%
5~90 mA
(Note)
Note:
TB62706BF can be used under limited PD
(PD ≤ 1.04 W, with PCB)
TB62706BN
TB62706BF
Weight
SDIP24-P-300-1.78: 1.22 g (typ.)
SSOP24-P-300-1.00B: 0.32 g (typ.)


Similar Part No. - TB62706BN_06

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
More results

Similar Description - TB62706BN_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701ANG MARKTECH-TB62701ANG Datasheet
604Kb / 15P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com