Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709NG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB62709NG
Description  7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709NG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB62709NG Datasheet HTML 1Page - Toshiba Semiconductor TB62709NG Datasheet HTML 2Page - Toshiba Semiconductor TB62709NG Datasheet HTML 3Page - Toshiba Semiconductor TB62709NG Datasheet HTML 4Page - Toshiba Semiconductor TB62709NG Datasheet HTML 5Page - Toshiba Semiconductor TB62709NG Datasheet HTML 6Page - Toshiba Semiconductor TB62709NG Datasheet HTML 7Page - Toshiba Semiconductor TB62709NG Datasheet HTML 8Page - Toshiba Semiconductor TB62709NG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TB62709NG/FG
2006-06-14
3
PIN FUNCTIONS
PIN NUMBER
PIN NAME
FUNCTION
1
VDD
5 V power pin.
2
DATA−IN (DI)
Serial data input pin.
3
CLOCK (CK)
Clock input pin. The shift register shifts data on the clock's rising edge.
4
LOAD (LD)
Load signal input pin. The data in the D8 to D15 are read on the rising edge and the current
load register the is selected from among the Duty Register, the Decode & Digit Register, or
Data Registers 0 to 3. The D0 to D7 bits of the 16−bit shift register contain data corresponding
to the same registers just described, which are read on the load signal's falling edge.
5~12
OUT−A to
OUT−Dp
Segment drive output pins. The A to Dp outputs correspond to the seven segments. These
pins output constant sink current. Connect each of these pins to the corresponding LED's
cathode.
13, 21
P−GND
Ground pins, There are two which can be used to ground the output OUT−A to OUT−Dp pins.
14
TEST−IN2
Product test pin. In normal use, be sure to connect to ground.
15
TEST−IN1
Product test pin. In normal use, be sure to connect to ground.
16, 17, 19, 20
DIG−0 to DIG−3
Digit output pins. Each of these pins can control one of the four seven−segment digits in a
display.
These pins output the VCC pin voltage as a source current output. Connect these pins to the
LED anodes.
18
VCC
Power pin for digit output.
22
R−EXT
Current setting pin for the OUT−A to OUT−Dp pins. Connect a resistor between this pin and
ground when setting the current.
23
DATA−OUT (DO) Serial data output pin. Use when TB62709NG or TB62709FG devices are used in cascade
connections.
24
L−GND
Ground pin for logic and analog circuits.


Similar Part No. - TB62709NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Marktech Corporate
MTE2050S-OH1 MARKTECH-MTE2050S-OH1 Datasheet
57Kb / 2P
   MTE2050S−OH1
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com