Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MA2541FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7MA2541FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2541FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MA2541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7MA2541FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MA2541FK
Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
The TC7MA2541FK is a high performance CMOS octal bus
buffer. Designed for use in 1.8 V, 2.5 V or 3.3 V systems, it
achieves high speed operation while maintaining the CMOS low
power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
This device is non-inverting 3-state buffer having two
active-low output enables. When either the OE1, OE2 are high,
the terminal outputs are in the high-impedance state. This device
is designed to be used with 3-state memory address drivers, etc.
The 26 Ω series resistor helps reducing output overshoot and
undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features
• 26 Ω series resistor on outputs.
• Low voltage operation: VCC = 1.8~3.6 V
• High speed operation: tpd = 4.4 ns (max) (VCC = 3.0~3.6 V)
tpd = 5.6 ns (max) (VCC = 2.3~2.7 V)
tpd = 9.8 ns (max) (VCC = 1.8 V)
• 3.6 V tolerant inputs and outputs.
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: VSSOP (US)
• Power down protection is provided on all inputs and outputs.
Weight: 0.03 g (typ.)


Similar Part No. - TC7MA2541FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2541FK TOSHIBA-TC7MA2541FK Datasheet
315Kb / 8P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MA2541FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com