Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MET139AFK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7MET139AFK
Description  Dual 2-to-4 Line Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET139AFK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7MET139AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7MET139AFK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
Enable
Select
G
B
A
0
Y
1
Y
2
Y
3
Y
Selected Output
H
X
X
H
H
H
H
None
L
L
L
L
H
H
H
0
Y
L
L
H
H
L
H
H
1
Y
L
H
L
H
H
L
H
2
Y
L
H
H
H
H
H
L
3
Y
X: Don’t care
1
2
3
4
5
6
7
1A
1B
8
GND
2A
14
13
12
11
10
9
15
16
VCC
G
2
0
Y
2
2B
G
1
0
Y
1
1
Y
1
2
Y
1
3
Y
1
1
Y
2
2
Y
2
3
Y
2
0
G
3
(2)
(3)
(1)
(14)
(13)
(15)
Dmux
0
1
1
2
0
3
1A
1B
G
1
2A
(4)
(5)
(6)
(7)
(12)
(11)
(10)
(9)
2B
G
2
1
Y
1
2
Y
1
0
Y
2
3
Y
1
0
Y
1
1
Y
2
2
Y
2
3
Y
2
(2)
(3)
(1)
(14)
(13)
(15)
X/Y
1
2
EN
1
2
0
3
1A
1B
G
1
2A
(4)
(5)
(6)
(7)
(12)
(11)
(10)
(9)
2B
G
2
1
Y
1
2
Y
1
0
Y
2
3
Y
1
0
Y
1
1
Y
2
2
Y
2
3
Y
2


Similar Part No. - TC7MET139AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MET139AFK TOSHIBA-TC7MET139AFK Datasheet
112Kb / 6P
   TOSHIBA CMOS Didital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7MET139AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
TC74ACT139F TOSHIBA-TC74ACT139F_12 Datasheet
232Kb / 8P
   Dual 2-to-4 Line Decoder
TC74HCT139AF TOSHIBA-TC74HCT139AF_12 Datasheet
217Kb / 7P
   Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_12 Datasheet
230Kb / 8P
   Dual 2-to-4 Line Decoder
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
   Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74VHCT139AF TOSHIBA-TC74VHCT139AF_07 Datasheet
258Kb / 9P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com