Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MET373AFK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MET373AFK
Description  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET373AFK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MET373AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET373AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET373AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET373AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET373AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET373AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MET373AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7MET373AFK
2007-10-19
4
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High level
VIH
4.5~5.5
2.0
2.0
Input voltage
Low level
VIL
4.5~5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.4
4.5
4.4
High level
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
IOL = 50 μA
4.5
0
0.1
0.1
Output voltage
High level
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Quiescent supply current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA
Timing Requirements (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(LE)
tw (H)
tw (L)
5.0
± 0.5
6.5
8.5
ns
Minimum set-up time
t s
5.0
± 0.5
1.5
1.5
ns
Minimum hold time
t h
5.0
± 0.5
3.5
3.5
ns


Similar Part No. - TC7MET373AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results

Similar Description - TC7MET373AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com