Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MP85400FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MP85400FT
Description  Octal Bus Buffer with Output Series Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP85400FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MP85400FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MP85400FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MP85400FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MP85400FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MP85400FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MP85400FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MP85400FT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7MP85400FT
2007-10-19
5
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.35
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.35
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
2.0
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
0.8
V


Similar Part No. - TC7MP85400FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP85410FT TOSHIBA-TC7MP85410FT Datasheet
173Kb / 7P
   Octal Bus Buffer with Output Series Resistor
More results

Similar Description - TC7MP85400FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP85410FT TOSHIBA-TC7MP85410FT Datasheet
173Kb / 7P
   Octal Bus Buffer with Output Series Resistor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com