Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MP85410FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MP85410FT
Description  Octal Bus Buffer with Output Series Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP85410FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MP85410FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7MP85410FT
2007-10-19
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High level
VIH
4.5 to 5.5
2.0
2.0
Input
voltage
Low level
VIL
4.5 to 5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.4
4.5
4.4
High level
VOH
VIN
= VIH or
VIL
IOH = −4 mA
4.5
3.94
3.8
IOL = 50 μA
4.5
0.0
0.1
0.1
Output
voltage
Low level
VOL
VIN
= VIH or
VIL
IOL = 4 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = GND
0 to 5.5
0.1
1.0
μA
ICCL
VIN = GND
5.5
4.0
40.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: GND
5.5
1.35
1.5
mA
Output leakage
current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.5
6.0
1.0
7.0
Propagation delay
time
tpLH
tpHL
5.0
± 0.5
50
6.5
8.5
1.0
10.0
ns
Output to output skew
tosLH
tosHL
(Note 1) 5.0
± 0.5
50
1.0
1.0
ns
Power dissipation
capacitance
CPD
(Note 2)
19
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)


Similar Part No. - TC7MP85410FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP85400FT TOSHIBA-TC7MP85400FT Datasheet
175Kb / 7P
   Octal Bus Buffer with Output Series Resistor
More results

Similar Description - TC7MP85410FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP85400FT TOSHIBA-TC7MP85400FT Datasheet
175Kb / 7P
   Octal Bus Buffer with Output Series Resistor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com