Selected language     English  ▼


AM26C31IDBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. AM26C31IDBR
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C31Q
AM26C31M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IO = −20 mA
2.2
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
|VOD|
Differential output voltage magnitude
RL = 100 Ω,
See Figure 1
2
3.1
V
∆|VOD|
Change in magnitude of differential output voltage‡
RL = 100 Ω,
See Figure 1
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω,
See Figure 1
3
V
∆|VOC|
Change in magnitude of common-mode output voltage‡
RL = 100 Ω,
See Figure 1
±0.4
V
II
Input current
VI = VCC or GND
±1
µA
IO(off)
Driver output current with power off
VCC = 0
VO = 6 V
100
A
IO(off)
Driver output current with power off
VCC = 0
VO = −0.25 V
−100
µA
IOS
Driver output short-circuit current
VO = 0
−170
mA
IOZ
High-impedance off-state output current
VO = 2.5 V
20
A
IOZ
High-impedance off-state output current
VO = 0.5 V
−20
µA
IO = 0
VI = 0 V or 5 V
100
µA
ICC
Quiescent supply current
IO = 0
VI = 2.4 V
or 0.5 V,
See Note 4
3.2
mA
Ci
Input capacitance
6
pF
† All typical values are at VCC = 5 V and TA = 25°C.
‡ ∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
NOTE 4: This parameter is measured per input. All other inputs are at 0 V or 5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C31Q
AM26C31M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
S1 is open,
See Figure 2
7
12
ns
tPHL
Propagation delay time, high- to low-level output
S1 is open,
See Figure 2
6.5
12
ns
tsk(p)
Pulse skew time (|tPLH − tPHL|)
S1 is open,
See Figure 2
0.5
4
ns
tr(OD), tf(OD) Differential output rise and fall times
S1 is open,
See Figure 3
5
12
ns
tPZH
Output enable time to high level
S1 is closed,
See Figure 4
10
19
ns
tPZL
Output enable time to low level
S1 is closed,
See Figure 4
10
19
ns
tPHZ
Output disable time from high level
S1 is closed,
See Figure 4
7
16
ns
tPLZ
Output disable time from low level
S1 is closed,
See Figure 4
7
16
ns
Cpd
Power dissipation capacitance (each driver)
(see Note 5)
S1 is open,
See Figure 2
100
pF
† All typical values are at VCC = 5 V and TA = 25°C.
NOTE 5: Cpd is used to estimate the switching losses according to PD = Cpd × VCC2 × f, where f is the switching frequency.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC3487_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
AM26LS31C_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
ISL1540-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1533Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
SN65LBC174A_07QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
ISL1541_06-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1534Dual Channel Fixed Gain Differential DSL Line Driver 1 2 Intersil Corporation
EL1529_05Dual Channel Differential DSL Line Driver for Globespan CO Chipsets 1 2 Intersil Corporation
SN75126QUADRUPLE LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
EL1517AxDSL Differential Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl