Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7PB54FC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7PB54FC
Description  Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB54FC Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7PB54FC Datasheet HTML 1Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 2Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 3Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 4Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 5Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 6Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 7Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 8Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC7PB54FC/FK
2007-10-19
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 4.6
V
DC input voltage (A, B)
VIN
−0.5 to 4.6
V
DC switch voltage (COM and Ch)
VS
−0.5 to VCC + 0.5
V
Input diode current (A, B)
−25
mA
Output diode current (COM and Ch)
IIK
±25
mA
Switch I/O current (COM to Ch)
IS
128
mA
N-channel MOSFET current (Note 2)
IOUT
25
mA
Power dissipation
PD
150 (CSON8)
200 (SSOP8)
mW
DC VCC/ground current
ICC/IGND
±50
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, may lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: N-channel MOSFET allowable current to clamp the unused pin to ground.
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
2.0 to 3.6
V
Input voltage (A, B)
VIN
0 to 3.6
V
DC switch voltage (COM and Ch)
(Note 2)
VS
0 to VCC + 0.3
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time (A, B)
dt/dv
0 to 10
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Ensure that the voltages on the COM and Ch pins do not exceed VCC + 0.3 V even during a power-up
sequence or when the power decreases.


Similar Part No. - TC7PB54FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
More results

Similar Description - TC7PB54FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com