Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7PG34AFE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7PG34AFE
Description  Dual NON-Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PG34AFE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7PG34AFE Datasheet HTML 1Page - Toshiba Semiconductor TC7PG34AFE Datasheet HTML 2Page - Toshiba Semiconductor TC7PG34AFE Datasheet HTML 3Page - Toshiba Semiconductor TC7PG34AFE Datasheet HTML 4Page - Toshiba Semiconductor TC7PG34AFE Datasheet HTML 5Page - Toshiba Semiconductor TC7PG34AFE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7PG34AFE
2007-11-01
3
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1~1.3
VCC
× 0.7
VCC
× 0.7
1.4~1.6
VCC
× 0.65
VCC
× 0.65
1.65~1.95
VCC
× 0.65
VCC
× 0.65
2.3~2.7
1.7
1.7
High-level
input voltage
VIH
3.0~3.6
2.0
2.0
V
0.9
GND
GND
1.1~1.3
VCC
× 0.3
VCC
× 0.3
1.4~1.6
VCC
× 0.35
VCC
× 0.35
1.65~1.95
VCC
× 0.35
VCC
× 0.35
2.3~2.7
0.7
0.7
Low-level
input voltage
VIL
3.0~3.6
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA
1.1~1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA
1.4~1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA
2.3~2.7
2.0
2.0
High-level
output voltage
VOH
VIN = VIH
IOH = −8.0 mA
3.0~3.6
2.48
2.48
V
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1~1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
0.45
0.45
IOL = 4.0 mA
2.3~2.7
0.4
0.4
Low-level
output voltage
VOL
VIN = VIL
IOL = 8.0 mA
3.0~3.6
0.4
0.4
V
Input leakage
current
IIN
VIN = 0~5.5V
0~3.6
±0.1
±1.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μΑ


Similar Part No. - TC7PG34AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PG34FU TOSHIBA-TC7PG34FU Datasheet
158Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7PG34AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PH34FE TOSHIBA-TC7PH34FE Datasheet
182Kb / 6P
   Dual NON-Inverter
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
   Non-Inverter
TC7SG34FU TOSHIBA-TC7SG34FU Datasheet
170Kb / 6P
   NON-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE_09 Datasheet
169Kb / 6P
   NON-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SG34AFS TOSHIBA-TC7SG34AFS Datasheet
175Kb / 6P
   Non-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE Datasheet
165Kb / 6P
   NON-Inverter
logo
National Semiconductor ...
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
   Non-Inverter
MM74HCT34 NSC-MM74HCT34 Datasheet
125Kb / 3P
   Non-Inverter
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com