Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SA08F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC7SA08F
Description  2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA08F Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC7SA08F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 8Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC7SA08F/FU
2007-11-01
6
AC Test Circuit
AC Waveforms
Figure 1
Output
Measure
CL = 30 pF
RL = 500 Ω
Figure 2 tpLH, tpHL
90%
10%
Output
Input
VOL
VOH
GND
VM
tpLH
tpHL
2.0 ns
2.0 ns
tr
tf
VM
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VIH


Similar Part No. - TC7SA08F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SA08F TOSHIBA-TC7SA08F Datasheet
293Kb / 8P
   LOW-VOLTAGE OCTAL 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7SA08FU TOSHIBA-TC7SA08FU Datasheet
293Kb / 8P
   LOW-VOLTAGE OCTAL 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7SA08F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com