Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SB384FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SB384FU
Description  Single Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SB384FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SB384FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SB384FU
2007-10-19
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note 1)
Max
Unit
“H” level
VIH
4.5~5.5
2.0
Input voltage
“L” level
VIL
4.5~5.5
0.8
V
Input leakage current
IIN
VIN = 0~5.5 V
4.5~5.5
±1.0
μA
Power off leakage current
IOFF
A, B,
OE = 0~5.5 V
0
±1.0
μA
Off-state leakage current
(switch off)
ISZ
A, B
= 0~5.5 V, OE = VCC
4.5~5.5
±1.0
μA
IIS = 30 mA
4.5
5
7
VIS = 0 V
IIS = 64 mA
4.5
5
7
ON resistance
(Note2)
RON
VIS = 2.4 V, IIS = 15 mA
4.5
10
15
Ω
ICC
VIN = VCC or GND, IOUT = 0
5.5
10
μA
Quiescent supply current
ΔICC
VIN = 3.4 V (one input)
5.5
2.5
mA
Note 1: Typical values are at VCC = 5 V and Ta = 25°C.
Note 2: Measured by the voltage drop between A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
4.5
0.25
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 3
4.5
4.0
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
4.5
4.5
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical on resistance of the switch and the 50 pF load capacitance, when driven
by an ideal voltage the source (zero output impedance).
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note)
5.0
3
pF
Switch terminal capacitance
CI/O
OE
= VCC
(Note)
5.0
10
pF
Note: This item is guaranteed by design.


Similar Part No. - TC7SB384FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB384FU TOSHIBA-TC7SB384FU Datasheet
97Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7SB384FU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com