Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SBL384AFU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SBL384AFU
Description  Single Low-Voltage Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SBL384AFU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SBL384AFU Datasheet HTML 1Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 2Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 3Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 4Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 5Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SBL384AFU
2007-10-19
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Characteristic
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
“H” level
VIH
2.0~3.6
0.7
×
VCC
Control pin input
voltage
“L” level
VIL
2.0~3.6
0.3
×
VCC
V
Control pin Input leakage
current
IIN
VIN = 0 to 3.6 V
2.0~3.6
±1.0
μA
Power off leakage current
IOFF
OE
= 0 to 3.6 V
0
±1.0
μA
Off-state leakage current
(switch off)
ISZ
A, B
= 0 to VCC, OE = VCC
2.0~3.6
±1.0
μA
VIS = 0 V, IIS = 30 mA
(Note 1)
3.0
3
7
VIS = 3.0 V, IIS = 30 mA
(Note 1)
3.0
4
9
VIS = 2.4 V, IIS = 15 mA
(Note 1)
3.0
5
15
VIS = 0 V, IIS = 24 mA
(Note 1)
2.3
4
10
VIS = 2.3 V, IIS = 24 mA
(Note 1)
2.3
5
15
ON resistance
(Note 2)
RON
VIS = 2.0 V, IIS = 15 mA
(Note 1)
2.3
6
25
Ω
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
3.6
10
μA
Note 1: The typical values are at Ta
= 25°C.
Note 2: Measured by the voltage drop between A and B pins at the indicated current through the switch.
ON-resistance is determined by the lower of the voltages on the two pins (A or B).
AC Characteristics (Ta = −40~85°C)
Characteristic
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
±.0.3
0.31
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
2.5
±.0.2
0.52
ns
3.3
±.0.3
5
Output enable time
tpZL
tpZH
Figure 1, Figure 3
2.5
±.0.2
7
ns
3.3
±.0.3
6
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
2.5
±.0.2
7
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical ON-resistance of the switch and the 50 pF load capacitance when
driven by an ideal voltage from the source (zero output impedance).
Capacitive Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note)
3.3
3
pF
Switch terminal capacitance
CI/O
OE = VCC
(Note)
3.3
17
pF
Note: This parameter is guaranteed by design.


Similar Part No. - TC7SBL384AFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SBL384CFU TOSHIBA-TC7SBL384CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
More results

Similar Description - TC7SBL384AFU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_10 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI-SN74CBTLV1G125-Q1_15 Datasheet
321Kb / 11P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
logo
Toshiba Semiconductor
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
logo
Texas Instruments
SN74CBTLV1G125 TI-SN74CBTLV1G125_15 Datasheet
582Kb / 13P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI1-SN74CBTLV1G125-Q1 Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_07 Datasheet
349Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com