Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX273FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74LCX273FT
Description  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX273FT Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCX273FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX273FT Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74LCX273F/FT/FK
2007-10-19
6
AC Test Circuit
AC Waveform
Figure 2 tpLH, tpHL, tw, ts, th
90%
1.5 V
10%
tr 2.5 ns
1.5 V
tf 2.5 ns
2.7 V
GND
90%
1.5 V
10%
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CK)
2.7 V
GND
Input
(D)
tf 2.5 ns
tr 2.5 ns
Output
(Q)
VOH
VOL
tpLH
tpHL
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
Figure 3 tpHL
Figure 4 trem
tw (L)
90%
10%
Input
(
CLR )
GND
VIH
tr 2.5 ns
Output
(CK)
trem
GND
90%
10%
VIH
Input
( CLR )
Output
(Q)
VIH
GND
VOH
1.5 V
VOL
tpHL
1.5 V
1.5 V
tr 2.5 ns


Similar Part No. - TC74LCX273FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX273FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ273FK TOSHIBA-TC7MZ273FK_07 Datasheet
190Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com