Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX16374FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74LCX16374FT
Description  Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16374FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LCX16374FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX16374FT Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TC74LCX16374FT
2007-10-19
8
AC Waveform
Figure 2 tpLH, tpHL, tw, ts, th
90%
VM
10%
tr 2.5 ns
VM
tf 2.5 ns
VIH
GND
90%
VM
10%
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CK)
VIH
GND
Input
(D)
tf 2.5 ns
tr 2.5 ns
Output
(Q)
VOH
VOL
tpLH
tpHL
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V or Vcc
GND
VIH
VM
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VX
VY
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (Q)
Low to Off to Low
Output (Q)
High to Off to High
VCC
Symbol
3.3
± 0.3 V
2.7 V
2.5
± 0.2 V
VIH
2.7 V
2.7 V
VCC
VM
1.5 V
1.5 V
VCC/2
VX
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
VY
VOH 0.3 V
VOH 0.3 V
VOH 0.15 V


Similar Part No. - TC74LCX16374FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16374 TOSHIBA-TC74LCX16374 Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74LCX16374FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX16374 FAIRCHILD-74LCX16374 Datasheet
76Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com